Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 254Page - Renesas Technology Corp HD6433713 Datasheet HTML 255Page - Renesas Technology Corp HD6433713 Datasheet HTML 256Page - Renesas Technology Corp HD6433713 Datasheet HTML 257Page - Renesas Technology Corp HD6433713 Datasheet HTML 258Page - Renesas Technology Corp HD6433713 Datasheet HTML 259Page - Renesas Technology Corp HD6433713 Datasheet HTML 260Page - Renesas Technology Corp HD6433713 Datasheet HTML 261Page - Renesas Technology Corp HD6433713 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 324 page
background image
Table 14-9 Control Signal Timing (cont)
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
RES pin pulse
tREL
RES
VCC = 2.7 to 5.5 V
10
—
—
φ
Figure
width (low)
14-2
IRQ pin pulse
tIH
IRQ0, IRQ1 VCC = 2.7 to 5.5 V
2
—
—
φ
Figure
width (high)
IRQ4, IRQ5
φ
SUB
14-3
IRQ pin pulse
tIL
IRQ0, IRQ1 VCC = 2.7 to 5.5 V
2
—
—
φ
width (low)
IRQ4, IRQ5
φ
SUB
EVENT pin
tEVH
EVENT
VCC = 2.7 to 5.5 V
2
—
—
φ
Figure
pulse width (high)
14-4
EVENT pin
tEVL
EVENT
VCC = 2.7 to 5.5 V
2
—
—
φ
pulse width (low)
UD pin minimum
tUDH
UD
VCC = 2.7 to 5.5 V
2
—
—
φ
Figure
high/low width
tUDL
14-5
Table 14-10 Serial Interface Timing
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Output serial
tscyc
SCK1,
VCC = 2.7 to 5.5 V
2
—
—
φ
Figure
clock cycle timing
SCK2
14-6
Output serial
tSCKH
SCK1,VCC = 2.7 to 5.5 V
0.4
—
—
tscyc
clock pulse width
SCK2
(high)
Output serial
tSCKL
SCK1,VCC = 2.7 to 5.5 V
0.4
—
—
tscyc
clock pulse
SCK2
width (low)
tSCKr
——
60
ns
VCC = 2.7 to 5.5 V
—
—
80
tSCKf
——
60
ns
VCC = 2.7 to 5.5 V
—
—
80
Input serial
tscyc
VCC = 2.7 to 5.5 V
1
—
—
φ
clock cycle timing
Input serial
tSCKH
VCC = 2.7 to 5.5 V
0.4
—
—
tscyc
clock pulse
width (high)
Applicable
Pins
Reference
Diagram
Applicable
Pins
Reference
Diagram
Output serial
clock rise time
Output serial
clock fall time
SCK1,
SCK2
SCK1,
SCK2
SCK1,
SCK2
SCK1,
SCK2
247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com