Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 239Page - Renesas Technology Corp HD6433713 Datasheet HTML 240Page - Renesas Technology Corp HD6433713 Datasheet HTML 241Page - Renesas Technology Corp HD6433713 Datasheet HTML 242Page - Renesas Technology Corp HD6433713 Datasheet HTML 243Page - Renesas Technology Corp HD6433713 Datasheet HTML 244Page - Renesas Technology Corp HD6433713 Datasheet HTML 245Page - Renesas Technology Corp HD6433713 Datasheet HTML 246Page - Renesas Technology Corp HD6433713 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 324 page
background image
Table 14-3 DC Characteristics (cont)
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Notes
VOH
–IOH = 1.0 mA
VCC –1.0 —
—
V
–IOH = 0.5 mA
VCC –0.5 —
—
VCC = 2.7 to 5.5 V
VCC –0.5 —
—
–IOH = 0.3 mA
–IOH = 15 mA
VCC –3.0 —
—
V
–IOH = 10 mA
VCC –2.0 —
—
–IOH = 4 mA
VCC –1.0 —
—
VCC = 2.7 to 5.5 V
—
VCC –1.0 —
V
Reference
–IOH = 4 mA
value
Output low
VOL
VCC = 4.0 to 5.5 V
—
—
0.4
V
voltage
IOL = 1.6 mA
VCC = 2.7 to 5.5 V
—
0.4
—
V
Reference
IOL = 0.5 mA
value
P40 to P47
Pull-down
—
—
VCC –37
V
P50 to P57
resistance
P60 to P67
150 k
Ω; pull-down
P70 to P77
voltage VCC –40 V
Input
|IIL|
RES
VIN = 0.0 to VCC
——
40
µA
leakage
current
Applicable
Pins
P10, P11,
P14, P15
P90 to P97
PWM, SO1,
SO2, SCK1,
SCK2
P10, P11,
P14, P15
P90 to P97
PWM, SO1,
SO2, SCK1,
SCK2
Output high
voltage
P40 to P47
P50 to P57
P60 to P67
P70 to P77
232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com