Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 277Page - Renesas Technology Corp HD6433713 Datasheet HTML 278Page - Renesas Technology Corp HD6433713 Datasheet HTML 279Page - Renesas Technology Corp HD6433713 Datasheet HTML 280Page - Renesas Technology Corp HD6433713 Datasheet HTML 281Page - Renesas Technology Corp HD6433713 Datasheet HTML 282Page - Renesas Technology Corp HD6433713 Datasheet HTML 283Page - Renesas Technology Corp HD6433713 Datasheet HTML 284Page - Renesas Technology Corp HD6433713 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 324 page
background image
STSR—Status Register
H'A3
SCI2
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
0
R/W
3
OVR
Not fixed
R/W
0
STF
0
R/W
2
WT
0
R/W
1
GIT
0
R/W
SO2 LAST
BIT
0
1
Extended Data Bit
Pin SO output low
Pin SO output high
2
2
0
Start/Busy Flag
[Read] Transfer stopped
[Write] Transfer aborted
[Read] Transfer in progress
[Write] Starts transfer
1
0
1
Gap Interval Flag
Insert gap every 16 bits
Insert gap every 8 bits
0
1
Waiting Flag
[Clear condition] When STSR is written
0
1
Overrun Flag
[Clear condition] When STSR is written
[Set condition] When overrun occurs
[Set condition] When 32-byte data
buffer is read or written during transfer
**
Note: * Cleared to 0 by a write access to STSR.
270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com