Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 278Page - Renesas Technology Corp HD6433713 Datasheet HTML 279Page - Renesas Technology Corp HD6433713 Datasheet HTML 280Page - Renesas Technology Corp HD6433713 Datasheet HTML 281Page - Renesas Technology Corp HD6433713 Datasheet HTML 282Page - Renesas Technology Corp HD6433713 Datasheet HTML 283Page - Renesas Technology Corp HD6433713 Datasheet HTML 284Page - Renesas Technology Corp HD6433713 Datasheet HTML 285Page - Renesas Technology Corp HD6433713 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 324 page
background image
SMR1—Serial Mode Register 1
H'B0
SCI1
SDRU1—Serial Data Register U1
H'B1
SCI1
Bit
Initial value
Read/Write
7
—
1
—
6
SMR16
0
W
5
SMR15
0
W
4
SMR14
0
W
3
SMR13
0
W
0
SMR10
0
W
2
SMR12
0
W
1
SMR11
0
W
0
1
Operation Mode Select
Clock continuous output mode
8-bit transfer mode
Clock continuous output mode
16-bit transfer mode
0
Not 00
0
0
Not 00
0
0
1
Clock Select
/1024, SCK is output pin
/256, SCK is output pin
/64, SCK is output pin
/32, SCK is output pin
/16, SCK is output pin
/8, SCK is output pin
/4, SCK is output pin
/2, SCK is output pin
Not used
Not used
Not used
Not used
Not used
Not used
Not used
External clock, SCK is input pin
φ
φ
φ
φ
φ
φ
φ
φ
1
1
1
1
1
1
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
Bit
Initial value
Read/Write
7
SDRU17
R/W
6
SDRU16
R/W
5
SDRU15
R/W
4
SDRU14
R/W
3
SDRU13
R/W
0
SDRU10
R/W
2
SDRU12
R/W
1
SDRU11
R/W
Used to set transmit data and store received data.
8-bit transfer mode: not used
16-bit transfer mode: upper 8-bits of data register
*
*
**
*
*
**
Note: * Not fixed
271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com