Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 279Page - Renesas Technology Corp HD6433713 Datasheet HTML 280Page - Renesas Technology Corp HD6433713 Datasheet HTML 281Page - Renesas Technology Corp HD6433713 Datasheet HTML 282Page - Renesas Technology Corp HD6433713 Datasheet HTML 283Page - Renesas Technology Corp HD6433713 Datasheet HTML 284Page - Renesas Technology Corp HD6433713 Datasheet HTML 285Page - Renesas Technology Corp HD6433713 Datasheet HTML 286Page - Renesas Technology Corp HD6433713 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 324 page
background image
SDRL1—Serial Data Register L1
H'B2
SCI1
SPR1—Serial Port Register 1
H'B3
SCI1
Bit
Initial value
Read/Write
7
SDRL17
R/W
6
SDRL16
R/W
5
SDRL15
R/W
4
SDRL14
R/W
3
SDRL13
R/W
0
SDRL10
R/W
2
SDRL12
R/W
1
SDRL11
R/W
Used to set transmit data and store received data.
8-bit transfer mode: data register
16-bit transfer mode: lower 8-bits of data register
*
*
**
*
*
**
Note: * Not fixed
Bit
Initial value
Read/Write
7
R/W
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
SO1 LAST
BIT
0
0
Extended Data Bit
Pin SO output low
Pin SO output high
1
1
*
Note: * Not fixed
272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com