| Electronic Components Datasheet Search |
|
HC210 Datasheet(PDF) 209 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC210 Datasheet(HTML) 209 Page - Altera Corporation |
|
209 / 228 page ![]() Altera Corporation 8–21 September 2008 Preliminary Stratix II and HardCopy II Companion Memory Blocks Table 8–15 shows the differential termination support. Stratix II and HardCopy II Companion Memory Blocks HardCopy II device RAM bit offerings range from 663 kbits to 8.8 Mbits. HardCopy II memory blocks are functionally equivalent to the Stratix II memory blocks. HardCopy II memory blocks can implement various Stratix II device memory configurations, including simple and true dual port modes, FIFO, parity bits, ROM modes, and all other features, as listed in the HardCopy II Description, Architecture, and Features chapter of the HardCopy Series Handbook. One difference between HardCopy II and Stratix II devices is that HardCopy II devices do not support M512 blocks. Additionally, you cannot pre-load HardCopy II M4K blocks with a Memory Initialization File (.mif) when used as RAM. Table 8–16 shows all the memory block offerings when compiling for a Stratix II FPGA in conjunction with a HardCopy II companion device. Use Table 8–16 as a guide when optimizing memory requirements for selected Stratix II and HardCopy II pairs. Table 8–15. HardCopy II I/O Banks Supporting 100- Ω Differential Termination Notes (1), (2) I/O Standard HC240 Left and Right Banks (1, 2, 5 and 6) HC240 Top and Bottom Banks (3, 4, 7 through 12) HC230, HC210, HC220 Left Banks (1 and 2) HC230, HC210, HC220 Other Banks (3 to 12) LVDS vv HyperTransport technology vv Clock Inputs (3) vv Notes to Table 8–15: (1) HC230, HC220, and HC210 device left clock pins CLK0 and CLK2 support differential on-chip termination. (2) All other clock pins, including FPLL[7..10]CLK, do not support differential on-chip termination. (3) HardCopy II HC240 device clock pins CLK0, CLK2, CLK8, and CLK10 support differential on-chip termination, similar to Stratix II devices. Table 8–16. Total RAM Blocks for Stratix II and HardCopy II Companion Devices (Part 1 of 2) Stratix II and HardCopy II Companion Devices Package M4K Blocks M-RAM Blocks Total RAM Bits EP2S30 HC210 484-pin FineLine BGA 144 0 663,552 EP2S60 HC210 484-pin FineLine BGA 190 0 875,520 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |