Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 6Page - SMSC Corporation USB3503 Datasheet HTML 7Page - SMSC Corporation USB3503 Datasheet HTML 8Page - SMSC Corporation USB3503 Datasheet HTML 9Page - SMSC Corporation USB3503 Datasheet HTML 10Page - SMSC Corporation USB3503 Datasheet HTML 11Page - SMSC Corporation USB3503 Datasheet HTML 12Page - SMSC Corporation USB3503 Datasheet HTML 13Page - SMSC Corporation USB3503 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
10
Revision 1.1 (02-07-13)
DATASHEET
1.1.1
Block Diagram
Figure 1.1 USB3503 Block Diagram
Upstream
HSIC
Upstream HSIC
Port
Repeater
Controller
SIE
Serial
Interface
PLL
REF_CLK
To I2C Master
Routing & Port Re-Ordering Logic
SCL
SDA
Port Controller
PHY#3
USB Data
Downstream
Mode
Control
-
Standby
Hub Mode
TT #3
TT #2
TT #1
PHY#2
PHY#1
USB Data
Downstream
USB Data
Downstream
1.2V Reg
RESET_N
3.3V Reg
INT_N
HUB_CONNECT
VDD33_BYP
VDD12_BYP
VBAT
VDD_CORE_REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com