Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 10Page - SMSC Corporation USB3503 Datasheet HTML 11Page - SMSC Corporation USB3503 Datasheet HTML 12Page - SMSC Corporation USB3503 Datasheet HTML 13Page - SMSC Corporation USB3503 Datasheet HTML 14Page - SMSC Corporation USB3503 Datasheet HTML 15Page - SMSC Corporation USB3503 Datasheet HTML 16Page - SMSC Corporation USB3503 Datasheet HTML 17Page - SMSC Corporation USB3503 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
14
Revision 1.1 (02-07-13)
DATASHEET
3.3
Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The terms assertion and negation are used. This is done to avoid confusion when working with a
mixture of “active low” and “active high” signal. The term “assert”, or “assertion” indicates that a signal
is active, independent of whether that level is represented by a high or low voltage. The term “negate”,
or “negation” indicates that a signal is inactive.
3.3.1
Pin Definition
Table 3.1 Pin Descriptions
NAME
SYMBOL
TYPE
DESCRIPTION
UPSTREAM HIGH SPEED INTER-CHIP INTERFACE
HSIC Clock/Strobe
STROBE
I/O
HSIC Upstream Hub Strobe pin
HSIC Data
DATA
I/O
HSIC Upstream Hub Data pin
High-Speed USB Data
&
Port Disable Strap Option
USBDN_DP[2:1]
&
USBDN_DM[2:1]
A-I/O
These pins connect to the downstream USB
peripheral devices attached to the hub’s ports
Downstream Port Disable Strap option:
This pin will be sampled at RESET_N negation to
determine if the port is disabled.
Both USB data pins for the corresponding port
must be tied to VDD33_BYP to disable the
associated downstream port.
HS USB Data
USBDN_DP[3]
&
USBDN_DM[3]
A-I/O
These pins connect to the downstream USB
peripheral devices attached to the hub’s ports.
There is no downstream Port Disable Strap
option on these ports.
SERIAL PORT INTERFACE
Serial Data
SDA
I/OD
I2C Serial Data
Serial Clock
SCL
I
Serial Clock (SCL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com