Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 68 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 68 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation USB3503 Datasheet HTML 66Page - SMSC Corporation USB3503 Datasheet HTML 67Page - SMSC Corporation USB3503 Datasheet HTML 68Page - SMSC Corporation USB3503 Datasheet HTML 69Page - SMSC Corporation USB3503 Datasheet HTML 70Page - SMSC Corporation USB3503 Datasheet HTML 71Page - SMSC Corporation USB3503 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
68
Revision 1.1 (02-07-13)
DATASHEET
10.4
DC Characteristics: Digital I/O Pins
Note: TA = -40˚C to 85˚C
Note 10.3 For I2C interface using pullups to less than 2.1V.
Note 10.4 For I2C interface using pullups to greater than 2.1V.
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Industrial Temp
00.6
3.1
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Commercial Temp
215
250
925
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Industrial Temp
215
250
1330
μA
Table 10.5 Digital I/O Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Input Voltage
VIL
Note 10.3
-0.3
0.42
V
Low-Level Input Voltage
VIL
Note 10.4
-0.3
0.34
V
High-Level Input Voltage
VIH
1.25
VDD33_BYP
+ 0.3V
V
Low-Level Input Voltage
RESET
VIL_RST
-0.3
0.38
V
High-Level Input Voltage
RESET
VIH_RST
1.0
VDD33_BYP
+ 0.3V
V
Low-Level Input Voltage
OSC
VIL_OSC
-0.3
0.55
V
High-Level Input Voltage
OSC
VIH_OSC
0.8
VDD33_BYP
+ 0.3V
V
Low-Level Input Voltage
REFCLK
VIL_REF
-0.3
0.5
V
High-Level Input Voltage
REFCLK
VIH_REF
1.4
VDD33_BYP
+ 0.3V
V
Clock Input Capacitance
REFCLK
CIN
2pF
Low-Level Output Voltage
VOL
@ IOL=12mA
sink current
0.4
V
Pin Capacitance
Cpin
2
20
pF
Output Current Capability
IO
12
20
24
mA
Table 10.4 Operating Current (Single Supply) (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com