Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 34Page - SMSC Corporation USB3503 Datasheet HTML 35Page - SMSC Corporation USB3503 Datasheet HTML 36Page - SMSC Corporation USB3503 Datasheet HTML 37Page - SMSC Corporation USB3503 Datasheet HTML 38Page - SMSC Corporation USB3503 Datasheet HTML 39Page - SMSC Corporation USB3503 Datasheet HTML 40Page - SMSC Corporation USB3503 Datasheet HTML 41Page - SMSC Corporation USB3503 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
38
Revision 1.1 (02-07-13)
DATASHEET
5.3.31
Register E9h: Serial Port Interrupt Mask - INT_MASK
Default = 0x00h
4
HubSuspInt
Read:
1 = Hub has entered USB suspend
0 = Hub has not entered USB suspend since last HubSuspInt reset
Write:
1 = No Effect
0 = Negate HubSuspInt status low
3
HubCfgInt
Read:
1 = Hub has been configured by USB Host
0 = Hub has not been configured by USB Host since last HubConfInt reset
Write:
1 = No Effect
0 = Negate HubConfInt status low
2
PrtPwrInt
Read:
1 = Port Power register has been updated
0 = Port Power register has not been updated since last PrtPwrInt reset
Write:
1 = No Effect
0 = Negate PrtPwrInt status low
1:0
Reserved
Reserved
BIT NUMBER
BIT NAME
DESCRIPTION
7:5
Reserved
Reserved
4
HubSuspMask 1 = INT_N pin is asserted low when Hub enters suspend
0 = INT_N pin is not affected by Hub entering suspend
3
HubCfgMask
1 = INT_N pin is asserted low when Hub configured by USB Host
0 = INT_N pin is not affected by Hub configuration event
2
PrtPwrMask
1 = INT_N pin is asserted low when Port Power register has been updated by
USB Host
0 = INT_N pin is not affected by Port Power register
1:0
Reserved
Reserved
BIT NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com