Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 61 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 61 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 57Page - SMSC Corporation USB3503 Datasheet HTML 58Page - SMSC Corporation USB3503 Datasheet HTML 59Page - SMSC Corporation USB3503 Datasheet HTML 60Page - SMSC Corporation USB3503 Datasheet HTML 61Page - SMSC Corporation USB3503 Datasheet HTML 62Page - SMSC Corporation USB3503 Datasheet HTML 63Page - SMSC Corporation USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
61
Revision 1.1 (02-07-13)
DATASHEET
Chapter 8 Battery Charging
In order to detect the charger, the device applies and monitors voltages on the USBUP_DP and
USBUP_DM pins. If a voltage within the specified range is detected, the Charger Detection Register
in the I2C register space shall be updated to reflect the proper status.
8.1
Downstream Port Battery Charging Support
The USB3503 can configure any of the downstream ports to support battery charger handshake.
The Hub’s role in downstream battery charging is to provide an acknowledge to a device’s query as
to if the hub system supports USB battery charging. The hub silicon does not provide any current or
power FETs or any such thing to actually charge the device. Those components would need to be
provided as external components in the final Hub board design.
If the final Hub board design provides an external supply capable of supplying current per the battery
charging specification, the hub can be configured to indicate the presence of such a supply to the
device. This indication is on a per/port basis. i.e. the board can configure two ports to support battery
charging (thru high current power FET’s) and leave the other port as a standard USB port.
8.1.1
USB Battery Charging
In the terminology of the USB battery charging specification, if the port is configured to support battery
charging, the downstream port is a “Charging Host Port”. All AC/DC characteristics will comply with
only this type. If the port is not configured to support battery charging, the port is a “Standard Host
Port”. AC/DC characteristics comply with the USB 2.0 specification.
A downstream port will only behave as a “Charging Host Port” or a “Standard Host Port”. The port will
not switch between “Charging Host Port” or Standard Host Port” at any time after initial power-up and
configuration.
8.1.2
Special Behavior of PRTPWR Register
The USB Battery charging specification does not address system issues. It only defines a low level
protocol for a device and host (or hub) to communicate a simple question and optional answer.
Device queries if the host to which it is connected supports battery charging.
The host will respond that it does support battery charging or does not respond at all. There is no
negative response. (A lack of response is taken as a negative response)
Figure 8.1 Battery Charging External Power Supply
SOC
VBUS
PRTPWR
USB3503
(Serial Mapped
Register)
INT
SCL
SDA
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com