Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 66 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 66 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 62Page - SMSC Corporation USB3503 Datasheet HTML 63Page - SMSC Corporation USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation USB3503 Datasheet HTML 66Page - SMSC Corporation USB3503 Datasheet HTML 67Page - SMSC Corporation USB3503 Datasheet HTML 68Page - SMSC Corporation USB3503 Datasheet HTML 69Page - SMSC Corporation USB3503 Datasheet HTML 70Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
66
Revision 1.1 (02-07-13)
DATASHEET
Note 10.1 Applicable only when VDD_CORE_REG is supplied from external power supply.
Note 10.2 Applicable only when VDD_CORE_REG is tied to VDD33_BYP.
10.3
Operating Current
The following conditions are assumed unless otherwise specified:
VBAT = 3.0 to 5.5V; VDD_CORE = 1.6 to 2.0V; VSS = 0V;
TA = 0C to +70C (Commercial), -40C to +85C (Industrial)
Input Voltage (STROBE,
DATA)
VIHSIC
-0.3
1.2
1.32
V
Input Voltage on I/O Pins
VI
-0.3
1.8
3.6
V
Voltage on REFCLK
VREFCLK
-0.3
3.6
V
Ambient Temperature
TA
Commercial
0
70
C
Ambient Temperature
TA
Industrial
-40
85
C
Table 10.3 Operating Current (Dual Supply)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
3 Downstream Ports
Active
55
65
68
mA
ICORE(HS)
29
33
38
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
2 Downstream Ports
Active, 1 Port Disabled
33
43
45
mA
ICORE(HS)
26
28
35
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
1 Downstream Port
Active, 2 Ports Disabled
19
23
25
mA
ICORE(HS)
22
24
30
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
3 Downstream Ports
Enabled, No USB Data
Transfer
20
21
23
mA
ICORE(HS)
24
25
29
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
1Downstream Port
Enabled, No USB Data
Transfer
12
13
14
mA
ICORE(HS)
19
20
23
mA
Unconfigured
(High Speed)
IVBAT(UNCONF)
RESET_N = 1
7
8
10
mA
ICORE(UNCONF)
17
18
22
mA
Table 10.2 Recommended Operating Conditions (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com