Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 36Page - SMSC Corporation USB3503 Datasheet HTML 37Page - SMSC Corporation USB3503 Datasheet HTML 38Page - SMSC Corporation USB3503 Datasheet HTML 39Page - SMSC Corporation USB3503 Datasheet HTML 40Page - SMSC Corporation USB3503 Datasheet HTML 41Page - SMSC Corporation USB3503 Datasheet HTML 42Page - SMSC Corporation USB3503 Datasheet HTML 43Page - SMSC Corporation USB3503 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
40
Revision 1.1 (02-07-13)
DATASHEET
5.3.34
Register F5h: Varisense_21 - VSNS21
Default = 0x00h
5.3.35
Register F6h: Boost_Up3 - BSTUP3
Default = 0x30h
BIT NUMBER
BIT NAME
DESCRIPTION
7
Reserved
Reserved
6:4
DN2_SQUELCH These two bits control the Squelch setting of the downstream port 2.
‘000’ = Nominal value
‘001’ = 90% of Nominal value
‘010’ = 80% of Nominal value
‘011’ = 70% of Nominal value
‘100’ = 60% of Nominal value
‘101’ = 50% of Nominal value
‘110’ = 120% of Nominal value
‘111’ = 110% of Nominal value
3
Reserved
Reserved
2:0
DN1_SQUELCH These three bits control the Squelch setting of the downstream port 1.
‘000’ = Nominal value
‘001’ = 90% of Nominal value
‘010’ = 80% of Nominal value
‘011’ = 70% of Nominal value
‘100’ = 60% of Nominal value
‘101’ = 50% of Nominal value
‘110’ = 120% of Nominal value
‘111’ = 110% of Nominal value
BIT NUMBER
BIT NAME
DESCRIPTION
7:3
Reserved
Reserved
2:0
BOOST_IOUT_3 USB electrical signaling drive strength Boost Bit for Downstream Port ‘3’.
Boosts USB High Speed Current.
3’b000: Nominal
3’b001: -5%
3’b010: +10%
3’b011: +5%
3’b100: +20%
3’b101: +15%
3’b110: +30%
3’b111: +25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com