Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 13Page - SMSC Corporation USB3503 Datasheet HTML 14Page - SMSC Corporation USB3503 Datasheet HTML 15Page - SMSC Corporation USB3503 Datasheet HTML 16Page - SMSC Corporation USB3503 Datasheet HTML 17Page - SMSC Corporation USB3503 Datasheet HTML 18Page - SMSC Corporation USB3503 Datasheet HTML 19Page - SMSC Corporation USB3503 Datasheet HTML 20Page - SMSC Corporation USB3503 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
17
Revision 1.1 (02-07-13)
DATASHEET
3.3.2
I/O Type Descriptions
3.3.3
Reference Clock
The REFCLK input is can be driven with a square wave from 0 V to VDD33_BYP. The USB3503 only
uses the positive edge of the clock. The duty cycle is not critical.
The USB3503 is tolerant to jitter on the reference clock. The REFCLK jitter should be limited to a peak
to peak jitter of less than 1 ns over a 10
μs time interval. If this level of jitter is exceeded the USB3503
high speed eye diagram may be degraded.
To select the REFCLK input frequency, the REF_SEL pins must be set according to Table 3.3 and
Table 3.4. To select the primary REFCLK frequencies defined in Table 3.3, INT_N must be sampled
high during the Hub.Init stage. If the INT_N pin is not used, the INT_N pin should be tied to
VDD33_BYP. To select the secondary REFCLK frequencies defined in Table 3.4, INT_N must be
sampled low during the Hub.Init stage. If the INT_N pin is not used, the INT_N pin should be tied to
ground. Since the INT_N pin is open-drain during normal function, selecting the secondary REFCLK
frequencies requires that the INT_N pin be driven low from an external source during Hub.Init and then,
after startup, that external source must turn into an input to receive the INT_N signal.
Table 3.2 USB3503 I/O Type Descriptions
I/O TYPE
DESCRIPTION
I
Digital Input.
OD
Digital Output. Open Drain.
I/O
Digital Input or Output.
A-I/O
Analog Input or Output.
Power
DC input or Output.
Ground
Ground.
Table 3.3 USB3503 Primary Reference Clock Frequencies
REF_SEL[1:0]
FREQUENCY (MHz)
‘00’
38.4
‘01’
26.0
‘10’
19.2
‘11’
12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com