Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation USB3503 Datasheet HTML 33Page - SMSC Corporation USB3503 Datasheet HTML 34Page - SMSC Corporation USB3503 Datasheet HTML 35Page - SMSC Corporation USB3503 Datasheet HTML 36Page - SMSC Corporation USB3503 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
33
Revision 1.1 (02-07-13)
DATASHEET
5.3.15
Register 0Eh: Hub Controller Max Current For Self Powered Operation
- HCMCS
Default = 0x02h Corresponds to 2mA.
5.3.16
Register 0Fh: Hub Controller Max Current For Bus Powered Operation
- HCMCB
Default = 0x64h- Corresponds to 100mA.
5.3.17
Register 10h: Power-On Time - PWRT
Default = 0x00h - Corresponds to 0ms. Required for a hub with no power switches
Note: This register represents time from when a host sends a SetPortFeature(PORT_POWER)
request to the time power is supplied through an external switch to a downstream port. It
should be set to 0 if no power switch is used- for instance within a compound device.
5.3.18
Register 11h: Language ID High - LANGIDH
Default = 0x04h - Corresponds to US English code 0x0409h
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
HC_MAX_C_SP Hub Controller Max Current Self-Powered: Value in 1mA increments that the Hub
consumes from an upstream port when operating as a self- powered hub. This
value includes the hub silicon along with the combined power consumption (from
VBUS) of all associated circuitry on the board. This value does NOT include the
power consumption of a permanently attached peripheral if the hub is configured
as a compound device.
Example: A value of 8mA would be written to this register as 0x08h
Note: The USB 2.0 Specification does not permit this value to exceed 100mA
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
HC_MAX_C_BP Hub Controller Max Current Bus-Powered: Value in 1mA increments that the Hub
consumes from an upstream port when operating as a bus- powered hub.
Example: A value of 8mA would be written to this register as 0x08h
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
POWER_ON_TI
ME
Power On Time: The length of time that is takes (in 2 ms intervals) from the time
the host initiated power-on sequence begins on a port until power is good on
that port. System software uses this value to determine how long to wait before
accessing a powered-on port. Setting affects only the hub descriptor field
“PwrOn2PwrGood” see Section 7.4, "Class-Specific Hub Descriptor," on
page 56.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
LANG_ID_H
USB LANGUAGE ID (Upper 8 bits of a 16 bit ID field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com