Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 18Page - SMSC Corporation USB3503 Datasheet HTML 19Page - SMSC Corporation USB3503 Datasheet HTML 20Page - SMSC Corporation USB3503 Datasheet HTML 21Page - SMSC Corporation USB3503 Datasheet HTML 22Page - SMSC Corporation USB3503 Datasheet HTML 23Page - SMSC Corporation USB3503 Datasheet HTML 24Page - SMSC Corporation USB3503 Datasheet HTML 25Page - SMSC Corporation USB3503 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
22
Revision 1.1 (02-07-13)
DATASHEET
4.2
Standby Mode
Standby Mode provides a very low power state for maximum power efficiency when no signaling is
required. This is the lowest power state. In Standby Mode all internal regulators are powered off, the
PLL is not running, and core logic is powered down in order to reduce power. Because core logic is
powered off, no configuration settings are retained in this mode and must be re-initialized after
RESET_N is negated high.
4.2.1
External Hardware RESET_N
A valid hardware reset is defined as an assertion of RESET_N low for a minimum of 100us after all
power supplies are within operating range. While reset is asserted, the Hub (and its associated
external circuitry) enters STANDBY MODE and consumes extremely low current as defined in
Table 10.3 and Table 10.4.
Assertion of RESET_N (external pin) causes the following:
— All downstream ports are disabled.
— All transactions immediately terminate; no states are saved.
— All internal registers return to the default state.
— The PLL is halted.
After RESET_N is negated high in the Hub.Init stage, the Hub reads customer-specific data from the
ROM.
4.3
Hub Mode
Hub Mode provides functions of configuration and high speed USB hub operation including connection
and communication. Upon entering Hub Mode and initializing internal logic, the device passes through
several sequential stages based on a fixed time interval.
4.3.1
Hub Initialization Stage (Hub.Init)
The first stage is the initialization stage and occurs when Hub mode is entered based on the conditions
in Table 4.1. In this stage the 1.2V regulator is enabled and stabilizes, internal logic is reset, and the
PLL locks if a valid REFCLK is supplied. Configuration registers are initialized to their default state and
REF_SEL[1:0] input values are latched. The USB3503 will complete initialization and automatically
enter the next stage after Thubinit. Because the digital logic within the device is not yet stable, no
communication with the device using the serial port is possible. Configuration registers are initialized
to their default state.
4.3.2
Hub Wait RefClk Stage (Hub.WaitRef)
During this stage the serial port is not functional.
If the reference clock is provided before entering hub mode, the USB3503 will transition to the Hub
Configuration stage without pausing in the Hub Wait RefClk stage. Otherwise, the USB3503 will
transition to the Hub configuration stage once a valid reference clock is supplied and the PLL has
locked.
4.3.3
Hub Configuration Stage (Hub.Config)
In this stage, the SOC has an opportunity to control the configuration of the USB3503 and modify any
of the default configuration settings specified in the integrated ROM. These settings include USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com