Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 67 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 63Page - SMSC Corporation USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation USB3503 Datasheet HTML 66Page - SMSC Corporation USB3503 Datasheet HTML 67Page - SMSC Corporation USB3503 Datasheet HTML 68Page - SMSC Corporation USB3503 Datasheet HTML 69Page - SMSC Corporation USB3503 Datasheet HTML 70Page - SMSC Corporation USB3503 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
67
Revision 1.1 (02-07-13)
DATASHEET
The following conditions are assumed unless otherwise specified:
VBAT = 3.0 to 5.5V; VSS = 0V; TA = 0C to +70C (Commercial), -40C to +85C (Industrial)
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Commercial Temp
00.4
2.5
μA
ICORE(STDBY)
00
0.5
μA
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Industrial Temp
00.6
3.9
μA
ICORE(STDBY)
00
0.9
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Commercial Temp
65
73
110
μA
ICORE(SPND)
125
165
765
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Industrial Temp
65
73
125
μA
ICORE(SPND)
125
165
1050
μA
Table 10.4 Operating Current (Single Supply)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
3 Downstream Ports
Active
88
98
110
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
2 Downstream Ports
Active, 1 Port Disabled
69
72
80
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
1 Downstream Port
Active, 2 Ports Disabled
45
48
55
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
3 Downstream Ports
Enabled, No USB Data
Transfer
47
50
53
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
1Downstream Port
Enabled, No USB Data
Transfer
34
35
36
mA
Unconfigured
(High Speed)
IVBAT(UNCONF)
RESET_N = 1
28
29
30
mA
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Commercial Temp
00.6
2.6
μA
Table 10.3 Operating Current (Dual Supply) (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com