Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 48 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 44Page - SMSC Corporation USB3503 Datasheet HTML 45Page - SMSC Corporation USB3503 Datasheet HTML 46Page - SMSC Corporation USB3503 Datasheet HTML 47Page - SMSC Corporation USB3503 Datasheet HTML 48Page - SMSC Corporation USB3503 Datasheet HTML 49Page - SMSC Corporation USB3503 Datasheet HTML 50Page - SMSC Corporation USB3503 Datasheet HTML 51Page - SMSC Corporation USB3503 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
48
Revision 1.1 (02-07-13)
DATASHEET
tLOW
LOW period of the
SCL clock
4.7
1.3
0.5
μs
tHIGH
HIGH period of the
SCL clock
4
0.6
0.26
μs
tSU;STA
Set-up time for a
repeated START
condition
4.7
0.6
0.26
μs
tHD;DAT
DATA hold time
0
0
0
ns
tSU;DAT
DATA set-up time
250
100
50
ns
t
R
Rise time of both
SDA and SCL
signals
1000
300
120
ns
t
F
Fall time of both
SCL and SDA lines
300
300
120
ns
tSU;STO
Set-up time for a
STOP condition
4
0.6
0.26
μs
tBUF
Bus free time
between a STOP
and START
condition
4.7
1.3
0.5
μs
Table 6.1 I2C Timing Specifications (continued)
SYMBOL
PARAMETER
STANDARD-MODE
FAST-MODE
FAST-MODE PLUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com