Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 41Page - SMSC Corporation USB3503 Datasheet HTML 42Page - SMSC Corporation USB3503 Datasheet HTML 43Page - SMSC Corporation USB3503 Datasheet HTML 44Page - SMSC Corporation USB3503 Datasheet HTML 45Page - SMSC Corporation USB3503 Datasheet HTML 46Page - SMSC Corporation USB3503 Datasheet HTML 47Page - SMSC Corporation USB3503 Datasheet HTML 48Page - SMSC Corporation USB3503 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
45
Revision 1.1 (02-07-13)
DATASHEET
Chapter 6 Serial Slave Interface
6.1
Overview
The serial slave interface on USB3503 is implemented as I2C. It is a standard I2C slave interface that
operates at the standard (100Kbps), fast (400Kbps), and the fast mode plus (1Mbps) modes.
The USB3503 I2C slave interface address is 0x08h.
REFCLK must be running for I2C to operate. The register map is outlined in section Section 5.3.
The I2C Slave Base Address is 0x08. The interrupt pin INT_N is used to communicate status changes
on selected events that are mapped into the Serial Port Interrupt Status Register. INT_N is asserted
low whenever an unmasked bit is set in the Serial Port Interrupt Status Register. SOC must update
the Serial Port Interrupt Status Register to negate the interrupt high.
The SOC can mask events to not cause the interrupt pin to transition by updating the Serial Port
Interrupt Mask Register. The status events will still be captured in the status register even if the
interrupt pin is not asserted. The serial port has limited speed and latency capability so events mapped
into the serial ports and its interrupt are not expected to be latency critical.
6.2
Interconnecting the USB3503 to an I2C Master
Note 6.1
The largest pullup values which meet the customer application should be selected in order
to minimize power consumption. Pullup values must also have low enough resistance to
support the desired i2C operating speed with the expected total capacitance in the
Figure 6.1 I2C Connections
I2C
MASTER
CONTROLLER
USB3503
SCL
SDA
SOC
SCL
SDA
VDD
INT
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com