Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 33Page - SMSC Corporation USB3503 Datasheet HTML 34Page - SMSC Corporation USB3503 Datasheet HTML 35Page - SMSC Corporation USB3503 Datasheet HTML 36Page - SMSC Corporation USB3503 Datasheet HTML 37Page - SMSC Corporation USB3503 Datasheet HTML 38Page - SMSC Corporation USB3503 Datasheet HTML 39Page - SMSC Corporation USB3503 Datasheet HTML 40Page - SMSC Corporation USB3503 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
37
Revision 1.1 (02-07-13)
DATASHEET
5.3.29
Register E7h: Serial Port Interlock Control - SP_ILOCK
Default=0x32h - Corresponds to OCS_N/PRT_PWR pins & pausing to connect until write from I2C
5.3.30
Register E8h: Serial Port Interrupt Status - INT_STATUS
Default = 0x00h
BIT NUMBER
BIT NAME
DESCRIPTION
7:6
Reserved
Reserved
5
OcsPinSel
1= OCS device pin will assume role as an active low Over Current Sense input
0= OCS device pin disabled, register control established
4
PrtPwrPinSel
1=PRTPWR device pin will assume role as an active high Port Power Switch
Control output
0=PRTPWR device pin disabled, register control established
3:2
Reserved
Reserved
1
connect_n
The SOC can utilize this bit to control when the hub attempts to connect to the
upstream host.
1 = Device will remain in Hub Mode.Connect Stage indefinitely until bit is cleared
by the SOC.
0 = Device will transition to the Hub Mode.Communication Stage after this bit is
asserted low by default or through a serial port write.
0
config_n
If the SOC intends to update the default configuration using the serial port, this
register should be the first register updated by the SOC. In this way the timing
dependency between configuration and device operation can be minimized- the
SOC is only required to write to Serial Port Interlock Register within Thubconfig
and not all the registers it is attempting to configure.
Once all registers have been written for the desired configuration, the SOC must
clear this bit to ‘0’ for the device to resume normal operation using the new
configuration.
It may be desirable for the device to initiate autonomous operation with no SOC
intervention at all. This is why the default setting is to allow the device to initiate
automatic operation if the SOC does not intervene by writing the interlock
register within the allotted configuration timeout.
1 = Device will remain in Hub Mode.Configuration Stage indefinitely, and allow
SOC to write through the serial port to set any desired configuration.
0 = Device will transition out of Hub.Configuration Stage immediately after this
bit is asserted low through a serial port write. (A default low assertion results in
transition after a timeout.)
BIT NUMBER
BIT NAME
DESCRIPTION
7
Interrupt
Read:
1 = INT_N pin has been asserted low due to unmasked interrupt
0 = INT_N pin has not been asserted low due to unmasked interrupt
Write:
1 = No Effect – INT_N pin and register retains its current value
0 = Negate INT_N pin high
6:5
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com