Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 38Page - SMSC Corporation USB3503 Datasheet HTML 39Page - SMSC Corporation USB3503 Datasheet HTML 40Page - SMSC Corporation USB3503 Datasheet HTML 41Page - SMSC Corporation USB3503 Datasheet HTML 42Page - SMSC Corporation USB3503 Datasheet HTML 43Page - SMSC Corporation USB3503 Datasheet HTML 44Page - SMSC Corporation USB3503 Datasheet HTML 45Page - SMSC Corporation USB3503 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
42
Revision 1.1 (02-07-13)
DATASHEET
5.3.38
Register FBh: Port Remap 12 - PRTR12
Default = 0x21h - Physical Port is mapped to the corresponding logical port.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
PRTR12
Port remap register for ports 1 & 2.
When a hub is enumerated by a USB Host Controller, the hub is only permitted
to report how many ports it has, the hub is not permitted to select a numerical
range or assignment. The Host Controller will number the downstream ports of
the hub starting with the number ‘1’, up to the number of ports that the hub
reported having.
The host’s port number is referred to as “Logical Port Number” and the physical
port on the hub is the Physical Port Number”. When remapping mode is enabled
(see PRTMAP_EN in Section 5.3.9) the hub’s downstream port numbers can be
remapped to different logical port numbers (assigned by the host.)
Note: the customer must ensure that Contiguous Logical Port Numbers are
used, starting from #1 up to the maximum number of enabled ports, this ensures
that the hub’s ports are numbered in accordance with the way a Host will
communicate with the ports.
Bit [7:4] = ‘0000’ Physical Port 2 is Disabled
‘0001’ Physical Port 2 is mapped to Logical Port 1
‘0010’ Physical Port 2 is mapped to Logical Port 2
‘0011’ Physical Port 2 is mapped to Logical Port 3
‘0100’ Reserved, will default to ‘0000’ value
‘0101’
to
‘1111’
Reserved, will default to ‘0000’ value
Bit [3:0] = ‘0000’ Physical Port 1 is Disabled
‘0001’ Physical Port 1 is mapped to Logical Port 1
‘0010’ Physical Port 1 is mapped to Logical Port 2
‘0011’ Physical Port 1 is mapped to Logical Port 3
‘0100’ Reserved, will default to ‘0000’ value
‘0101’
to
‘1111’
Reserved, will default to ‘0000’ value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com