Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation USB3503 Datasheet HTML 33Page - SMSC Corporation USB3503 Datasheet HTML 34Page - SMSC Corporation USB3503 Datasheet HTML 35Page - SMSC Corporation USB3503 Datasheet HTML 36Page - SMSC Corporation USB3503 Datasheet HTML 37Page - SMSC Corporation USB3503 Datasheet HTML 38Page - SMSC Corporation USB3503 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
35
Revision 1.1 (02-07-13)
DATASHEET
5.3.24
Register 54h-91h: Product String - PRDSTR
Default = 0x00h
5.3.25
Register 92h-CFh: Serial String - SERSTR
Default = 0x00h
5.3.26
Register D0: Downstream Battery Charging Enable - BC_EN
Default = 0x00h
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
PRD_STR
Product String, UNICODE UTF-16LE per USB 2.0 Specification
Note: The String consists of individual 16 Bit UNICODE UTF-16LE characters.
The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subsequent
characters must be stored in sequential contiguous address in the
same LSB, MSB manner). Please pay careful attention to the Byte
ordering or your selected programming tools.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
SER_STR
Serial String, UNICODE UTF-16LE per USB 2.0 Specification
Note: The String consists of individual 16 Bit UNICODE UTF-16LE characters.
The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subsequent
characters must be stored in sequential contiguous address in the
same LSB, MSB manner). Please pay careful attention to the Byte
ordering or your selected programming tools.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
BC_EN
Battery Charging Enable: Enables the battery charging feature for the
corresponding downstream port.
‘0’ = Downstream Battery Charging support is not enabled.
‘1’ = Downstream Battery charging support is enabled
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Battery Charging Enable.
Bit 2= Port 2 Battery Charging Enable.
Bit 1= Port 1 Battery Charging Enable.
Bit 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com