Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 71 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 67Page - SMSC Corporation USB3503 Datasheet HTML 68Page - SMSC Corporation USB3503 Datasheet HTML 69Page - SMSC Corporation USB3503 Datasheet HTML 70Page - SMSC Corporation USB3503 Datasheet HTML 71Page - SMSC Corporation USB3503 Datasheet HTML 72Page - SMSC Corporation USB3503 Datasheet HTML 73Page - SMSC Corporation USB3503 Datasheet HTML 74Page - SMSC Corporation USB3503 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
71
Revision 1.1 (02-07-13)
DATASHEET
10.8
Regulator Output Voltages and Capacitor Requirement
10.9
ESD and Latch-Up Performance
LS Fall Time
TLF
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
Differential Rise/Fall Time
Matching
TLRFM
Excluding the first
transition from IDLE state
80
125
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
High Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
Table 10.9 Regulator Output Voltages and Capacitor Requirement
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Regulator Output Voltage
VDD33
5.5V > VBAT > 2.9V
2.8
3.3
3.6
V
Regulator Capacitor
CBYP33
4.7
μF
Capacitor ESR
CESR33
1
Ω
Regulator Output Voltage
VDD12
3.6V > VDD33 > 2.8V
1.1
1.2
1.3
V
Regulator Capacitor
CBYP12
1.0
μF
Capacitor ESR
CESR12
1
Ω
Table 10.10 ESD and Latch-up Performance
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMMENTS
ESD PERFORMANCE
Human Body Model
±5
kV
Device
System
EN/IEC 61000-4-2 Contact
Discharge
±15
kV
3rd party system test
Table 10.8 Dynamic Characteristics: Analog I/O Pins (DP/DM) (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com