Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 63 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 59Page - SMSC Corporation USB3503 Datasheet HTML 60Page - SMSC Corporation USB3503 Datasheet HTML 61Page - SMSC Corporation USB3503 Datasheet HTML 62Page - SMSC Corporation USB3503 Datasheet HTML 63Page - SMSC Corporation USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation USB3503 Datasheet HTML 66Page - SMSC Corporation USB3503 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
63
Revision 1.1 (02-07-13)
DATASHEET
Chapter 9 Integrated Power Regulators
9.1
Overview
The integrated power regulators are designed to provide significant flexibility to the system in providing
power to the USB3503. Several different configurations are allowed in order to align the USB3503
power structure to the supplies available in the system.
9.1.1
3.3V Regulator
The USB3503 has an integrated regulator to convert from VBAT to 3.3V.
9.1.2
1.2V Regulator
The USB3503 has an integrated regulator to convert from a variable voltage input on
VDD_CORE_REG to 1.2V. The 1.2V regulator shall be tolerant to the presence of low voltage (~0V)
on the VDD_CORE_REG pin in order to support system power solutions where a 1.8V supply is not
always present in low power states.
The 1.2V regulator shall support an input voltage range consistent with a 1.8V input in order to reduce
power consumption in systems which provide multiple power supply levels. In addition the 1.2V
regulator shall support an input voltage up to 3.3V for systems which provide only a single power
supply. The device will support operation where the 3.3V regulator output can drive the 1.2V regulator
input such that VBAT is the only required supply.
9.2
Power Configurations
The USB3503 support operation with no back current when power is connected in each of the following
configurations.
9.2.1
Single Supply Configurations
9.2.1.1
VBAT Only
VBAT should be tied to the VBAT system supply. VDD33_BYP regulator output and VDD_CORE_REG
should be tied together on the board. In this configuration the 3.3V regulator will be active, and the
3.3V to 1.2V regulator will be active.
9.2.1.2
3.3V Only
VBAT should be tied to the 3.3V system supply. VDD33_BYP and VDD_CORE_REG pins should be
tied together on the board. In this configuration, the 3.3V regulator will operate in dropout. The 1.2V
regulator will be active.
9.2.2
Double Supply Configurations
9.2.2.1
VBAT + 1.8V
VBAT should be tied to the VBAT system supply. VDD33_BYP regulator output requires external
capacitor. VDD_CORE_REG should be tied to the 1.8V system supply. In this configuration, the 3.3V
regulator and the 1.2V regulator will be active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com