Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 73 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 69Page - SMSC Corporation USB3503 Datasheet HTML 70Page - SMSC Corporation USB3503 Datasheet HTML 71Page - SMSC Corporation USB3503 Datasheet HTML 72Page - SMSC Corporation USB3503 Datasheet HTML 73Page - SMSC Corporation USB3503 Datasheet HTML 74Page - SMSC Corporation USB3503 Datasheet HTML 75Page - SMSC Corporation USB3503 Datasheet HTML 76Page - SMSC Corporation USB3503 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
73
Revision 1.1 (02-07-13)
DATASHEET
10.11
AC Specifications
10.11.1
REFCLK
External Clock:50% duty cycle ± 10%, ± 350ppm, Jitter < 100ps rms.
10.11.2
Serial Interface
The SMSC Hub conforms to AC specifications as set forth in the I2C Specification for Slave-Only
devices.
10.11.3
USB 2.0
The SMSC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the USB 2.0 Specification. Please refer to the USB 2.0 Specification which is available from
the www.usb.org web site.
10.11.4
USB 2.0 HSIC
The upstream port of the SMSC HSIC Hub conforms to all voltage, power, and timing characteristics
and specifications as set forth in the High-Speed Inter-Chip USB Electrical Specification Version 1.0.
Please refer to the USB 2.0 HSIC Specification which is available from the www.usb.org web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com