Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 62 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 58Page - SMSC Corporation USB3503 Datasheet HTML 59Page - SMSC Corporation USB3503 Datasheet HTML 60Page - SMSC Corporation USB3503 Datasheet HTML 61Page - SMSC Corporation USB3503 Datasheet HTML 62Page - SMSC Corporation USB3503 Datasheet HTML 63Page - SMSC Corporation USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation USB3503 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
62
Revision 1.1 (02-07-13)
DATASHEET
When ports are configured for downstream battery charging, the corresponding PRTPWR setting will
be controlled by downstream battery charging logic instead of the normal hub logic.
PRTPWR setting will assert after initial hub customer configuration (Internal default/Serial register
writes). PRTPWR will remain asserted and under the control of the battery charge logic until one of
two events.
1. An overcurrent is detected on the corresponding OCS_N pin. In this case, PRTPWR setting will
negate. The only way to re-enable the PRTPWR setting from this state is to RESET the USB3503.
2. The hub enters Hub.Communication stage, connects on its upstream port and is enumerated by a
USB host. In this case, control over the PRTPWR setting reverts back to the hub logic inside the
USB3503 and the normal USB behavior applies. In this case, the host must enable PRTPWR.
Since the enumeration process for a hub sets the PORT_POWER feature for all downstream ports,
this information can be used to switch control over the PRTPWR setting between the battery charge
logic and the hub logic.
When the Hub PORT_POWER feature is ‘1’, the hub logic controls the PRTPWR setting.
When the Hub PORT_POWER feature is ‘0’, the battery charging logic controls the PRTPWR
setting.
No matter which controller is controlling the PRTPWR setting, an overcurrent event will always negate
PRTPWR setting.
8.1.3
Battery Charging Configuration
Configuration of ports to support battery charging is done through serial port configuration load.
Register D0: Downstream Battery Charging Enable - BC_EN is allocated for Battery Charging support.
The register, starting from Bit 1, enables Battery charging for each down stream port when asserted.
Bit 1 represents port 1 and so on. Each port with battery charging enabled asserts the corresponding
PRTPWR register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com