Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 22Page - SMSC Corporation USB3503 Datasheet HTML 23Page - SMSC Corporation USB3503 Datasheet HTML 24Page - SMSC Corporation USB3503 Datasheet HTML 25Page - SMSC Corporation USB3503 Datasheet HTML 26Page - SMSC Corporation USB3503 Datasheet HTML 27Page - SMSC Corporation USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
26
Revision 1.1 (02-07-13)
DATASHEET
Table 5.2 Serial Interface Registers
REG
ADDR
R/W
REGISTER NAME
ABBREVIATION
SECTION
00h
R/W
VID LSB
VIDL
5.3.1, page 28
01h
R/W
VID MSB
VIDM
5.3.2, page 28
02h
R/W
PID LSB
PIDL
5.3.3, page 28
03h
R/W
PID MSB
PIDM
5.3.4, page 28
04h
R/W
DID LSB
DIDL
5.3.5, page 28
05h
R/W
DID MSB
DIDM
5.3.6, page 29
06h
R/W
Config Data Byte 1
CFG1
5.3.7, page 29
07h
R/W
Config Data Byte 2
CFG2
5.3.8, page 30
08h
R/W
Config Data Byte 3
CFG3
5.3.9, page 30
09h
R/W
Non-Removable Devices
NRD
5.3.10, page 31
0Ah
R/W
Port Disable (Self)
PDS
5.3.11, page 31
0Bh
R/W
Port Disable (Bus)
PDB
5.3.12, page 32
0Ch
R/W
Max Power (Self)
MAXPS
5.3.13, page 32
0Dh
R/W
Max Power (Bus)
MAXPB
5.3.14, page 32
0Eh
R/W
Hub Controller Max Current
(Self)
HCMCS
5.3.15, page 33
0Fh
R/W
Hub Controller Max Current
(Bus)
HCMCB
5.3.16, page 33
10h
R/W
Power-on Time
PWRT
5.3.17, page 33
11h
R/W
LANG_ID_H
LANGIDH
5.3.18, page 33
12h
R/W
LANG_ID_L
LANGIDL
5.3.19, page 34
13h
R/W
MFR_STR_LEN
MFRSL
5.3.20, page 34
14h
R/W
PRD_STR_LEN
PRDSL
5.3.21, page 34
15h
R/W
SER_STR_LEN
SERSL
5.3.22, page 34
16h-
53h
R/W
MFR_STR
MANSTR
5.3.23, page 34
54h-
91h
R/W
PROD_STR
PRDSTR
5.3.24, page 35
92h-
CFh
R/W
SER_STR
SERSTR
5.3.25, page 35
D0h
R/W
Downstream Battery Charging
BC_EN
5.3.26, page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com