Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 27Page - SMSC Corporation USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation USB3503 Datasheet HTML 33Page - SMSC Corporation USB3503 Datasheet HTML 34Page - SMSC Corporation USB3503 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
31
Revision 1.1 (02-07-13)
DATASHEET
5.3.10
Register 09h: Non-Removable Device - NRD
Default = 0x00h
5.3.11
Register 0Ah: Port Disable For Self Powered Operation - PDS
Default = 0x00h
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non- removable devices.
‘0’ = port is removable
‘1’ = port is non- removable.
Informs the Host if one of the active physical ports has a permanent device that
is undetachable from the Hub. (Note: The device must provide its own descriptor
data.)
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 non-removable.
Bit 2= Port 2 non-removable.
Bit 1= Port 1 non removable.
Bit 0= Reserved
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_SP Port Disable, Self-Powered: Disables 1 or more ports.
‘0’ = port is available
‘1’ = port is disabled.
During Self-Powered operation and PRTMAP_EN = ‘0’, this selects the ports
which will be permanently disabled, and are not available to be enabled or
enumerated by a Host Controller. The ports can be disabled in any order, the
internal logic will automatically report the correct number of enabled ports to the
USB Host, and will reorder the active ports in order to ensure proper function.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Disable.
Bit 2= Port 2 Disable.
Bit 1= Port 1 Disable.
Bit 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com