Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 40Page - SMSC Corporation USB3503 Datasheet HTML 41Page - SMSC Corporation USB3503 Datasheet HTML 42Page - SMSC Corporation USB3503 Datasheet HTML 43Page - SMSC Corporation USB3503 Datasheet HTML 44Page - SMSC Corporation USB3503 Datasheet HTML 45Page - SMSC Corporation USB3503 Datasheet HTML 46Page - SMSC Corporation USB3503 Datasheet HTML 47Page - SMSC Corporation USB3503 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
44
Revision 1.1 (02-07-13)
DATASHEET
5.3.40
Register FFh: Status/Command - STCD
Default = 0x00h
BIT NUMBER
BIT NAME
DESCRIPTION
7:2
Reserved
Reserved {Note: Software must never write a ‘1’ to these bits}
1
RESET
Reset the Serial Interface and internal memory registers in address range
00h-E1h and EFh-FFh back to RESET_N assertion default settings.
{Note: During this reset, this bit is automatically cleared to its default value
of 0.}
0 = Normal Run/Idle State.
1 = Force a reset of the registers to their default state.
0
CONFIG_PROTECT Protect the Configuration
0 = serial slave interface is active.
1 = The internal configuration memory (address range 00h-E1h and EFh-
FFh) is “write-protected” to prevent unintentional data corruption.
{Note 1: This bit is write once and is only cleared by assertion of the
external RESET_N pin.}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com