Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 24Page - SMSC Corporation USB3503 Datasheet HTML 25Page - SMSC Corporation USB3503 Datasheet HTML 26Page - SMSC Corporation USB3503 Datasheet HTML 27Page - SMSC Corporation USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
28
Revision 1.1 (02-07-13)
DATASHEET
5.3
Serial Interface Register Definitions
5.3.1
Register 00h: Vendor ID (LSB) - VIDL
Default = 0x24h - Corresponds to SMSC Vendor ID.
5.3.2
Register 01h: Vendor ID (MSB) - VIDM
Default = 0x04h - Corresponds to SMSC Vendor ID.
5.3.3
Register 02h: Product ID (LSB) - PIDL
Default = 0x03h - Corresponds to SMSC USB part number for 3-port device.
5.3.4
Register 03h: Product ID (MSB) - PIDM
Default = 0x35h Corresponds to SMSC 3503 device.
5.3.5
Register 04h: Device ID (LSB) - DIDL
Default = 0xA0h
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum). This
field is set by the customer using the serial interface options.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum). This
field is set by the customer using serial interface options.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by customer).
This field is set by the customer using the serial interface options.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
PID_MSB
Most Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by customer).
This field is set by the customer using the serial interface options.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
DID_LSB
Least Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format (assigned by customer). This field is set by the customer using
the serial interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com