Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 47 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 43Page - SMSC Corporation USB3503 Datasheet HTML 44Page - SMSC Corporation USB3503 Datasheet HTML 45Page - SMSC Corporation USB3503 Datasheet HTML 46Page - SMSC Corporation USB3503 Datasheet HTML 47Page - SMSC Corporation USB3503 Datasheet HTML 48Page - SMSC Corporation USB3503 Datasheet HTML 49Page - SMSC Corporation USB3503 Datasheet HTML 50Page - SMSC Corporation USB3503 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
47
Revision 1.1 (02-07-13)
DATASHEET
Figure 6.3 shows the format of the read operation. Where color is visible in the figure, blue and gold
indicate signaling from the I2C master, and gray indicates signaling from the USB3503 slave.
6.3.3
I2C Timing
Below is the timing diagram and timing specifications for the different I2C modes that the USB3503
supports.
Figure 6.3 Sequential Access Read Format
Figure 6.4 I2C Timing Diagram
Table 6.1 I2C Timing Specifications
SYMBOL
PARAMETER
STANDARD-MODE
FAST-MODE
FAST-MODE PLUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fSCL
SCL clock
frequency
0
100
0
400
0
1000
KHz
tHD;STA
Hold time
START condition
4
0.6
0.26
μs
S
7 - B i t S l a v e
A ddr es s
0
P
A
xx xx xx xx
A
Re g i s t e r
A d dr es s
( b i t s
7- 0)
O p t i ona l . I f pr es ent , N e x t
ac c e s s
m u s t hav e
S t ar t ( S ) ,
o t he r w i s e
R epe at S t a r t ( S r )
S
7- B i t S l av e A ddr es s
1
n n n n n n n n
P
AC K
AC K
R egi s t er v a l ue
f o r xx xxx xxx
n n n n n n n n
AC K
R egi s t er v a l u e
f o r xx xxx xxx + 1
...
n n n n n n n n
NA C K
I f pr ev i ous w r i t e s e t t i ng up
R e g i s t er addr es s end ed w i t h a
S t o p ( P ) , o t h e r w i s e it w ill b e
R e p eat ed S t a r t ( S r )
R egi s t er v a l ue
f o r xxx xxx xx + y
tHD;STA
tSU;STO
tSU;STA
tSU;DAT
tHIGH
tF
tR
tLOW
tHD;DAT
tHD;STA
tBUF
AB_DATA
AB_CLK
I2C_CLK
I2C_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com