Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation USB3503 Datasheet HTML 33Page - SMSC Corporation USB3503 Datasheet HTML 34Page - SMSC Corporation USB3503 Datasheet HTML 35Page - SMSC Corporation USB3503 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
32
Revision 1.1 (02-07-13)
DATASHEET
5.3.12
Register 0Bh: Port Disable For Bus Powered Operation - PDB
Default = 0x00h
5.3.13
Register 0Ch: Max Power For Self Powered Operation - MAXPS
Default = 0x01h
5.3.14
Register 0Dh: Max Power For Bus Powered Operation - MAXPB
Default = 0xFAh- Corresponds to 500mA.
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_BP Port Disable, Bus-Powered: Disables 1 or more ports.
‘0’ = port is available
‘1’ = port is disabled.
During Bus-Powered operation and PRTMAP_EN = ‘0’, this selects the ports
which will be permanently disabled, and are not available to be enabled or
enumerated by a Host Controller. The ports can be disabled in any order, the
internal logic will automatically report the correct number of enabled ports to the
USB Host, and will reorder the active ports in order to ensure proper function.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Disable.
Bit 2= Port 2 Disable.
Bit 1= Port 1 Disable.
Bit 0= Reserved
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
MAX_PWR_SP Max Power Self_Powered: Value in 2mA increments that the Hub consumes
from an upstream port when operating as a self-powered hub. This value
includes the hub silicon along with the combined power consumption (from
VBUS) of all associated circuitry on the board. This value also includes the
power consumption of a permanently attached peripheral if the hub is configured
as a compound device, and the embedded peripheral reports 0mA in its
descriptors.
Example: A value of 8mA would be written to this register as 0x04h
Note: The USB 2.0 Specification does not permit this value to exceed 100mA
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
MAX_PWR_BP Max Power Bus_Powered: Value in 2mA increments that the Hub consumes
from an upstream port when operating as a bus-powered hub. This value
includes the hub silicon along with the combined power consumption (from
VBUS) of all associated circuitry on the board. This value also includes the
power consumption of a permanently attached peripheral if the hub is configured
as a compound device, and the embedded peripheral reports 0mA in its
descriptors.
Example: A value of 8mA would be written to this register as 0x04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com