Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 16Page - SMSC Corporation USB3503 Datasheet HTML 17Page - SMSC Corporation USB3503 Datasheet HTML 18Page - SMSC Corporation USB3503 Datasheet HTML 19Page - SMSC Corporation USB3503 Datasheet HTML 20Page - SMSC Corporation USB3503 Datasheet HTML 21Page - SMSC Corporation USB3503 Datasheet HTML 22Page - SMSC Corporation USB3503 Datasheet HTML 23Page - SMSC Corporation USB3503 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
20
Revision 1.1 (02-07-13)
DATASHEET
Chapter 4 Modes of Operation
The USB3503 provides two modes of operation - Standby Mode and Hub Mode - which balance power
consumption with functionality. The operating mode of the USB3503 is selected by setting values on
primary inputs according to the table below.
4.1
Operational Mode Flowchart
The flowchart in Figure 4.1 shows the modes of operation. It also shows how the USB3503 traverses
through the Hub mode stages (shown in bold.) The flow of control is dictated by control register bits
shown in Italics as well as other events such as availability of reference clock. Refer to Section 5.3,
"Serial Interface Register Definitions," on page 28 for the detailed definition of the control register bits.
In this specification register bits are referenced using the syntax <Register>.<RegisterBit>. A summary
of all registers can be found in Table 5.2, “Serial Interface Registers,” on page 26.
The remaining sections in this chapter provide more detail on each stage and mode of operation.
Table 4.1 Controlling Modes of Operation
RESET_N
INPUT
RESULTING
MODE
SUMMARY
0
Standby
Lowest Power Mode – no function other than monitoring RESET_N
input to move to higher states. All regulators are powered off.
1
Hub
Full Feature Mode - Operates as a configurable USB hub. Power
consumption based on how many ports are active, at what speeds
they are running and amount of data transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com