Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 26Page - SMSC Corporation USB3503 Datasheet HTML 27Page - SMSC Corporation USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation USB3503 Datasheet HTML 33Page - SMSC Corporation USB3503 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
30
Revision 1.1 (02-07-13)
DATASHEET
5.3.8
Register 07h: Configuration Data Byte 2 - CFG2
Default = 0x20h - Not a Compound Device
5.3.9
Register 08h: Configuration Data Byte 3 - CFG3
Default = 0x03h
BIT NUMBER
BIT NAME
DESCRIPTION
7:4
Reserved
Reserved
3
COMPOUND
Compound Device: Allows the customer to indicate that the Hub is part of a
compound (see the USB Specification for definition) device. The applicable
port(s) must also be defined as having a “Non-Removable Device”.
0 = No.
1 = Yes, Hub is part of a compound device.
2:0
Reserved
Reserved
BIT NUMBER
BIT NAME
DESCRIPTION
7:4
Reserved
Reserved
3
PRTMAP_EN Port Re-Mapping enable: Selects the method used by the hub to assign port
numbers and disable ports
‘0’ = Standard Mode. The following registers are used to define which ports are
enabled, and the ports are mapped as Port “n” on the hub is reported as Port
‘n’ to the host, unless one of the ports is disabled, then the higher numbered
ports are remapped in order to report contiguous port numbers to the host.
Section 5.3.11 Register 0A
Section 5.3.12 Register 0B
‘1’ = Port Re-Map mode. The mode enables remapping via the registers defined
below.
Section 5.3.38 Register FB
Section 5.3.39 Register FC
2:1
Reserved
Reserved
0
STRING_EN
Enables String Descriptor Support
‘0’ = String Support Disabled
‘1’ = String Support Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com