Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 11Page - SMSC Corporation USB3503 Datasheet HTML 12Page - SMSC Corporation USB3503 Datasheet HTML 13Page - SMSC Corporation USB3503 Datasheet HTML 14Page - SMSC Corporation USB3503 Datasheet HTML 15Page - SMSC Corporation USB3503 Datasheet HTML 16Page - SMSC Corporation USB3503 Datasheet HTML 17Page - SMSC Corporation USB3503 Datasheet HTML 18Page - SMSC Corporation USB3503 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
15
Revision 1.1 (02-07-13)
DATASHEET
Interrupt
INT_N
OD
Interrupt
The function of this pin is determined by the setting
in the CFGP.INTSUSP configuration register.
When CFGP.INTSUSP = 0 (General Interrupt)
A transition from high to low identifies when one of
the interrupt enabled status registers has been
updated.
SOC must update the Serial Port Interrupt Status
Register to reset the interrupt pin high.
When CFGP.INTSUSP = 1 (Suspend Interrupt)
Indicates USB state of the hub.
‘Asserted’ low = Unconfigured or configured and in
USB Suspend
‘Negated’ high = Hub is configured, and is active
(i.e., not in suspend)
If unused, this pin must be tied to VDD33_BYP.
Over Current Sense
OCS_N
I
Over Current Sense - Input from external current
monitor indicating an over-current condition on port
3 or on ganged supply.
Negated High = No over current fault detected
Asserted Low = Over Current Fault Reported
Port Power
PRTPWR
OD
Port Power Control- Enables power to USB
peripheral devices downstream on port 3 or on
ganged supply.
Asserted High = External Device should provide
power for port(s).
Negated Low = External Device should disable
power to port(s).
MISC
Reference Clock Input
REFCLK
I
Reference clock input.
Reference Clock Select
REF_SEL[1:0]
I
The reference select input must be set to
correspond to the frequency applied to the
REFCLK input. The customer should tie these pins
to ground or VDD33_BYP. This input is latched
during HUB.Init stage.
Selects input reference clock frequency per
Table 3.3.
Table 3.1 Pin Descriptions (continued)
NAME
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com