Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 57 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 53Page - SMSC Corporation USB3503 Datasheet HTML 54Page - SMSC Corporation USB3503 Datasheet HTML 55Page - SMSC Corporation USB3503 Datasheet HTML 56Page - SMSC Corporation USB3503 Datasheet HTML 57Page - SMSC Corporation USB3503 Datasheet HTML 58Page - SMSC Corporation USB3503 Datasheet HTML 59Page - SMSC Corporation USB3503 Datasheet HTML 60Page - SMSC Corporation USB3503 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
57
Revision 1.1 (02-07-13)
DATASHEET
2
NbrPorts
1
user
Number of downstream facing ports this Hub supports.
See Section 11.23.2.1 of the USB Specification for
additional details regarding the use of this field.
The value reported is implementation dependent, and is
derived from the value defined during Internal Default,
or serial port load. The PORT_DIS_SP field defines the
ports that are permanently disabled when in Self-
Powered operation, and the PORT_DIS_BP field
defines the ports that are permanently disabled when in
Bus-Powered operation.
Internal logic will subtract the number of ports which are
disabled, from the total number available (which is 3),
and will report the remainder as the number of ports
supported. The value reported to the host must coincide
with the current operating mode, and will be determined
by the following rules.
The field used to determine the value that is reported to
the host will be:
‘PORT_DIS_BP’ if SELF_BUS_PWR = ‘0’
‘PORT_DIS_SP’ if SELF_BUS_PWR = ‘1’
3
HubCharacteristics
2
user
Defines support for Logical power switching mode,
Compound Device support, Over-current protection, TT
Think Time, and Port Indicator support, See Section
11.23.2.1 in the USB Specification for additional details
regarding the use of this field.
The values delivered to a host are all derived from
values defined during Internal Default, or serial port
load, and are assigned as follows:
D1:0 = ‘00’b if PORT_PWR = ‘0’
D1:0 = ‘01’b if PORT_PWR = ‘1’
D2 = ‘COMPOUND’
D4:3 = ‘CURRENT_SNS’
D6:5 = ‘00’b for 8FS (max) bit times of TT think time.
D7 = hardcoded to ‘0’ (no Port Indicator Support)
D15:8 = ‘00000000’b
5
PwrOn2PwrGood
1
user
Time (in 2 ms intervals) from the time the power-on
sequence begins on a port until power is good on that
port. See Section 11.23.2.1 in the USB Specification.
The value contained in the ‘POWER_ON_TIME’ field is
directly reported to the host, and is determined by
Internal Default, or serial port load.
Table 7.11 Class-Specific Hub Descriptor (continued)
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com