Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 59 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 55Page - SMSC Corporation USB3503 Datasheet HTML 56Page - SMSC Corporation USB3503 Datasheet HTML 57Page - SMSC Corporation USB3503 Datasheet HTML 58Page - SMSC Corporation USB3503 Datasheet HTML 59Page - SMSC Corporation USB3503 Datasheet HTML 60Page - SMSC Corporation USB3503 Datasheet HTML 61Page - SMSC Corporation USB3503 Datasheet HTML 62Page - SMSC Corporation USB3503 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
59
Revision 1.1 (02-07-13)
DATASHEET
7.5
String Descriptors
The USB3503 supports a 30 Character Manufacturer String Descriptor, a 30 Character Product String
and a 30 character Serial String.
7.5.1
String Descriptor Zero (specifies languages supported)
7.5.2
String Descriptor 1 (Manufacturer String)
7.5.3
String Descriptor 2 (Product String)
Table 7.12 String Descriptor Zero
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
04h
Size of this Descriptor.
1
DescriptorType
1
03h
String Descriptor Type.
2
LANGID
2
xxxxh
Language ID code from LANG_ID_H and LANG_ID_L
registers
Table 7.13 String Descriptor 1, Manufacturer String
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
yyh
Size of this Descriptor. The yy value is created by taking
the MFR_STR_LEN{bytes} + 2{bytes}
1
DescriptorType
1
03h
String Descriptor Type.
2
String
N
string
Manufacturer String
The string is located in the MFR_STR register and the
size (N) is held in the MFR_STR_LEN register
Table 7.14 String Descriptor 2, Product String
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
yyh
Size of this Descriptor. The yy value is created by taking
the PRD_STR_LEN{bytes} + 2{bytes}
1
DescriptorType
1
03h
String Descriptor Type.
2
String
N
string
Product String
The string is located in the PROD_STR register and the
size (N) is held in the PRD_STR_LEN register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com