Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 12Page - SMSC Corporation USB3503 Datasheet HTML 13Page - SMSC Corporation USB3503 Datasheet HTML 14Page - SMSC Corporation USB3503 Datasheet HTML 15Page - SMSC Corporation USB3503 Datasheet HTML 16Page - SMSC Corporation USB3503 Datasheet HTML 17Page - SMSC Corporation USB3503 Datasheet HTML 18Page - SMSC Corporation USB3503 Datasheet HTML 19Page - SMSC Corporation USB3503 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
16
Revision 1.1 (02-07-13)
DATASHEET
RESET Input
RESET_N
I
This active low signal is used by the system to
reset the chip and hold the chip in low power
STANDBY MODE.
USB Transceiver Bias
RBIAS
A-I/O
A 12.0k
Ω (+/- 1%) resistor is attached from ground
to this pin to set the transceiver’s internal bias
settings.
Hub Connect
HUB_CONNECT
I
Hub will transition to the Hub Communication
Stage when this pin is asserted high. It can be
used in three different ways:
Tied to Ground - Hub will not transition to the Hub
Communication Stage until connect_n bit of the
SP_ILOCK register is negated.
Tied to VDD33_BYP - Hub will automatically
transition to the Hub Communication Stage
regardless of the setting of the connect_n bit and
without pausing for the SOC to reference status
registers.
Transition from low to high - Hub will transition to
the Hub Communication Stage after this pin
transitions from low to high. HUB_CONNECT
should never be driven high when USB3503 is in
Standby Mode.
POWER
1.2V VDD Power
VDD12_BYP
Power
1.2 V Regulator. A 1.0
μF (<1
Ω ESR) capacitor
to ground is required for regulator stability. The
capacitor should be placed as close as possible to
the USB3503.
3.3V VDD Power
VDD33_BYP
Power
3.3V Regulator. A 4.7
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The
capacitor should be placed as close as possible to
the USB3503.
Core Power Supply Input
VDD_CORE_REG
Power
Power supply to 1.2V regulator.
This power pin should be connected to
VDD33_BYP for single supply applications.
Refer to Chapter 9 for power supply configuration
options.
Battery Power Supply Input
VBAT
Power
Battery power supply.
Refer to Chapter 9 for power supply configuration
options.
VSS
VSS
Ground
Ground
Table 3.1 Pin Descriptions (continued)
NAME
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com