Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 64 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 60Page - SMSC Corporation USB3503 Datasheet HTML 61Page - SMSC Corporation USB3503 Datasheet HTML 62Page - SMSC Corporation USB3503 Datasheet HTML 63Page - SMSC Corporation USB3503 Datasheet HTML 64Page - SMSC Corporation USB3503 Datasheet HTML 65Page - SMSC Corporation USB3503 Datasheet HTML 66Page - SMSC Corporation USB3503 Datasheet HTML 67Page - SMSC Corporation USB3503 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
64
Revision 1.1 (02-07-13)
DATASHEET
9.2.2.2
3.3V + 1.8V
VBAT should be tied to the 3.3V system supply. VDD33_BYP should be connected to the 3.3V external
capacitor. VDD_CORE_REG should be tied to the 1.8v system supply. In this configuration the 3.3V
regulator will operate in dropout. The 1.2V regulator will be active.
9.3
Regulator Control Signals
The regulators are controlled by RESET_N. When RESET_N is brought high the VDD33 regulator will
turn on. When RESET_N is brought low the VDD33 regulator will turn off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com