Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 21Page - SMSC Corporation USB3503 Datasheet HTML 22Page - SMSC Corporation USB3503 Datasheet HTML 23Page - SMSC Corporation USB3503 Datasheet HTML 24Page - SMSC Corporation USB3503 Datasheet HTML 25Page - SMSC Corporation USB3503 Datasheet HTML 26Page - SMSC Corporation USB3503 Datasheet HTML 27Page - SMSC Corporation USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
25
Revision 1.1 (02-07-13)
DATASHEET
Chapter 5 Configuration Options
5.1
Hub Configuration Options
The SMSC Hub supports a number of features (some are mutually exclusive), and must be configured
in order to correctly function when attached to a USB host controller. There are two principal ways to
configure the hub: by writing to configuration registers using the serial slave port, or by internal default
settings. Any configuration registers which are not written by the serial slave retain their default
settings.
5.1.1
Multi/Single TT
SMSC’s USB 2.0 Hub is fully specification compliant to the Universal Serial Bus Specification Revision
2.0 April 27,2000 (12/7/2000 and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification)
for general details regarding Hub operation and functionality.
For performance reasons, the Hub provides 1 Transaction Translator (TT) per port (defined as Multi-
TT configuration), and each TT has 1512 bytes of periodic buffer space and 272 Bytes of non- periodic
buffer space (divided into 4 non-periodic buffers per TT), for a total of 1784 bytes of buffer space for
each Transaction Translator.
When configured as a Single-TT Hub (required by USB 2.0 Specification), the Single Transaction
Translator will have 1512 bytes of periodic buffer space and 272 bytes of non-periodic buffer space
(divided into 4 non-periodic buffers per TT), for a total of 1784 bytes of buffer space for the entire
Transaction Translator. Each Transaction Translator’s buffer is divided as shown in Table 5.1,
"Transaction Translator Buffer Chart".
5.2
Default Serial Interface Register Memory Map
The Serial Interface Registers are used to customize the USB3503 for specific applications. Reserved
registers or reserved bits within a defined register should not be written to non-default values or
undefined behavior may result.
Table 5.1 Transaction Translator Buffer Chart
Periodic Start-Split Descriptors
256 Bytes
Periodic Start-Split Data
752 Bytes
Periodic Complete-Split Descriptors
128 Bytes
Periodic Complete-Split Data
376 Bytes
Non-Periodic Descriptors
16 Bytes
Non-Periodic Data
256 Bytes
Total for each Transaction Translator
1784 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com