Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 25Page - SMSC Corporation USB3503 Datasheet HTML 26Page - SMSC Corporation USB3503 Datasheet HTML 27Page - SMSC Corporation USB3503 Datasheet HTML 28Page - SMSC Corporation USB3503 Datasheet HTML 29Page - SMSC Corporation USB3503 Datasheet HTML 30Page - SMSC Corporation USB3503 Datasheet HTML 31Page - SMSC Corporation USB3503 Datasheet HTML 32Page - SMSC Corporation USB3503 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
29
Revision 1.1 (02-07-13)
DATASHEET
5.3.6
Register 05h: Device ID (MSB) - DIDM
Default = 0xA1h
5.3.7
Register 06h: CONFIG_BYTE_1 - CFG1
Default = 0x98h - Corresponds to Self Powered, Ganged Port Power
BIT NUMBER
BIT NAME
DESCRIPTION
7:0
DID_MSB
Most Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format (assigned by customer). This field is set by the customer using
the serial interface options.
BIT NUMBER
BIT NAME
DESCRIPTION
7
SELF_BUS_PW
R
Self or Bus Power: Selects between Self- and Bus-Powered operation.
The Hub is either Self-Powered or Bus-Powered.
When configured as a Bus-Powered device, the SMSC Hub consumes less than
100mA of current prior to being configured. After configuration, the Bus-Powered
SMSC Hub (along with all associated hub circuitry, any embedded devices if part
of a compound device, and 100mA per externally available downstream port)
must consume no more than 500mA of upstream VBUS current. The current
consumption is system dependent, and the customer must ensure that the USB
2.0 specifications are not violated.
When configured as a Self-Powered device, <1mA of upstream VBUS current is
consumed and all ports are available, with each port being capable of sourcing
500mA of current.
This field is set by the customer using the serial interface options.
0 = Bus-Powered operation.
1 = Self-Powered operation.
6
Reserved
Reserved
5
Reserved
Reserved
4
MTT_ENABLE Multi-TT enable: Enables one transaction translator per port operation.
Selects between a mode where only one transaction translator is available for
all ports (Single-TT), or each port gets a dedicated transaction translator (Multi-
TT) {Note: The host may force Single-TT mode only}.
0 = single TT for all ports.
1 = one TT per port (multiple TT’s supported)
3
Reserved
Reserved
2:1
CURRENT_SNS Over Current Sense: Selects current sensing on a port-by-port basis, all ports
ganged, or none (only for bus-powered hubs) The ability to support current
sensing on a port or ganged basis is hardware implementation dependent.
00 = Ganged sensing (all ports together).
01 = Individual port-by-port.
1x = Over current sensing not supported. (must only be used with Bus- Powered
configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is hardware implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com