Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 19Page - SMSC Corporation USB3503 Datasheet HTML 20Page - SMSC Corporation USB3503 Datasheet HTML 21Page - SMSC Corporation USB3503 Datasheet HTML 22Page - SMSC Corporation USB3503 Datasheet HTML 23Page - SMSC Corporation USB3503 Datasheet HTML 24Page - SMSC Corporation USB3503 Datasheet HTML 25Page - SMSC Corporation USB3503 Datasheet HTML 26Page - SMSC Corporation USB3503 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
23
Revision 1.1 (02-07-13)
DATASHEET
device descriptors, port electrical settings such as PHY BOOST, and control features. The SOC
implements the changes using the serial slave port interface to write configuration & control registers.
See Section 5.3.29, "Register E7h: Serial Port Interlock Control - SP_ILOCK," on page 37 for definition
of SP_ILOCK register and how it controls progress through hub stages. If the SP_ILOCK.config_n bit
has its default asserted low and the bit is not written by the serial port, then the USB3503 completes
configuration without any I2C intervention.
If the SP_ILOCK.config_n bit has its default negated high or the SOC negates the bit high using the
serial port during Thubconfig, the USB3503 will remain in the Hub Configuration Stage indefinitely. This
will allow the SOC to update other configuration and control registers without any remaining time-out
restrictions. Once the SP_ILOCK.config_n bit is asserted low by the SOC the device will transition to
the next stage.
4.3.4
Hub Connect Stage (Hub.Connect)
Next, the USB3503 enters the Hub Connect Stage. See Section 5.3.32, "Register EEh: Configure
Portable Hub - CFGP," on page 39 and Section 5.3.29, "Register E7h: Serial Port Interlock Control -
SP_ILOCK," on page 37 for definition of control registers which affect how the device transitions
through the hub stages.
By using the appropriate controls, the USB3503 can be set to immediately transition, or instead to
remain in the Hub Connect Stage indefinitely until one of the SOC handshake events occur. When set
to wait on the handshake, the SOC may read or update any of the serial port registers. Once the SOC
finishes accessing registers and is ready for USB communication to start, it can perform one of the
selected handshakes which that cause the USB3503 to connect within Thubconnect and transition to the
Hub Communication Stage.
4.3.5
Hub Communication Stage (Hub.Com)
Once it exits the Hub Connect Stage, the USB3503 enters Hub Communication Stage. In this stage
full USB operation is supported under control of the USB Host on the upstream port. The USB3503
will remain in the Hub Communication Stage until the operating mode is changed by the system
asserting RESET_N low.
While in the Hub Communication Stage, communication over the serial port is no longer supported and
the resulting behavior of the serial port if accessed is undefined. In order to re-enable the serial port
interface, the device must exit Hub Communication Stage. Exiting this stage is only possible by
entering Standby mode.
4.3.6
Hub Mode Timing Diagram
The following timing diagram shows the progression through the stages of Hub Mode and the
associated timing parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com