Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 52 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 48Page - SMSC Corporation USB3503 Datasheet HTML 49Page - SMSC Corporation USB3503 Datasheet HTML 50Page - SMSC Corporation USB3503 Datasheet HTML 51Page - SMSC Corporation USB3503 Datasheet HTML 52Page - SMSC Corporation USB3503 Datasheet HTML 53Page - SMSC Corporation USB3503 Datasheet HTML 54Page - SMSC Corporation USB3503 Datasheet HTML 55Page - SMSC Corporation USB3503 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
52
Revision 1.1 (02-07-13)
DATASHEET
7.2.4
Endpoint Descriptor (Single-TT)
The following table provides endpoint descriptor values for Single-TT operation.
7.3
Hub Attached as a High-Speed Device (Customer-Configured
as Multi-TT Capable)
The following tables provide descriptor information for Customer-Configured Multi-TT High-Speed
devices.
7.3.1
Standard Device Descriptor
The following table provides device descriptor values for High-Speed operation.
7
InterfaceProtocol
1
00h
Single-TT.
8
Interface
1
00h
Index of the string descriptor describing this interface
(strings not supported).
Table 7.4 Endpoint Descriptor (For Status Change Endpoint, Single-TT)
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
07h
Size of this Descriptor.
1
DescriptorType
1
05h
Endpoint Descriptor Type.
2
EndpointAddress
1
81h
The address of the endpoint on the USB device.
3
Attributes
1
03h
Describes the endpoint’s attributes. (interrupt only, no
synchronization, data endpoint).
4
MaxPacketSize
2
0001h
Maximum packet size for this endpoint.
6
Interval
1
0Ch
Interval for polling endpoint for data transfers (Maximum
Possible).
Table 7.5 Device Descriptor (High-Speed)
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
12
Size of this Descriptor
1
DescriptorType
1
01h
Device Descriptor Type.
2
USB
2
0200h
USB Specification Release Number.
4
DeviceClass
1
09h
Class code assigned by USB-IF for Hubs.
5
DeviceSubClass
1
00h
Class code assigned by USB-IF for Hubs.
6
DeviceProtocol
1
02h
Protocol code (Multi-TTs).
Table 7.3 Interface Descriptor (High-Speed, Single-TT) (continued)
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com