Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 82 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 74Page - SMSC Corporation USB3503 Datasheet HTML 75Page - SMSC Corporation USB3503 Datasheet HTML 76Page - SMSC Corporation USB3503 Datasheet HTML 77Page - SMSC Corporation USB3503 Datasheet HTML 78Page - SMSC Corporation USB3503 Datasheet HTML 79Page - SMSC Corporation USB3503 Datasheet HTML 80Page - SMSC Corporation USB3503 Datasheet HTML 81Page - SMSC Corporation USB3503 Datasheet HTML 82Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
82
Revision 1.1 (02-07-13)
DATASHEET
Chapter 13 Datasheet Revision History
Table 13.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.1 (02-07-13)
Document co-branded: Microchip logo added, company disclaimer modified.
Rev. 1.1 (12-19-11)
Table 4.2, "Timing
Parameters for Hub Stages"
Removed the second sentence in the Standby
Summary:
“All port interfaces are high impedance”
Section 4.2.1, "External
Hardware RESET_N"
Removed second bullet:
“The USB data pins will be in a high-impedance
state.”
Table 3.4, "USB3503
Secondary Reference Clock
Frequencies"
Changed Frequency values in Table 3.4 as follows:
01 = 27.0MHz
10 = 25.0MHz
Rev. 1.0 (10-24-11)
Document release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com