Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 45Page - SMSC Corporation USB3503 Datasheet HTML 46Page - SMSC Corporation USB3503 Datasheet HTML 47Page - SMSC Corporation USB3503 Datasheet HTML 48Page - SMSC Corporation USB3503 Datasheet HTML 49Page - SMSC Corporation USB3503 Datasheet HTML 50Page - SMSC Corporation USB3503 Datasheet HTML 51Page - SMSC Corporation USB3503 Datasheet HTML 52Page - SMSC Corporation USB3503 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
49
Revision 1.1 (02-07-13)
DATASHEET
Chapter 7 USB Descriptors
A customer can indirectly affect which descriptors are reported via one of two methods. The two
methods are: Internal Default ROM Configuration, or direct load through the serial port interface.
The SMSC Hub will not electrically attach to the USB until after it has loaded valid data for all user-
defined descriptor fields (either through Internal Default ROM, or serial port).
7.1
USB Bus Reset
In response to the upstream port signaling a reset to the Hub, the Hub does the following:
Note 7.1
The Hub does not propagate the upstream USB reset to downstream devices.
— Sets default address to 0.
— Sets configuration to: Unconfigured.
— Negates PRTPWR[3:1] register for all downstream ports.
— Clears all TT buffers.
— Moves device from suspended to active (if suspended).
— Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the
reset sequence.
The Host then configures the Hub and the Hub's downstream port devices in accordance with the USB
Specification.
7.2
Hub Attached as a High-Speed Device (Customer-Configured
for Single-TT Support Only)
The following tables provide descriptor information for Customer-Configured Single-TT-Only Hubs
attached for use with High-Speed devices.
7.2.1
Standard Device Descriptor
The following table provides device descriptor values for High-Speed operation.
Table 7.1 Device Descriptor
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
12h
Size of this Descriptor.
1
DescriptorType
1
01h
Device Descriptor Type.
2
USB
2
0200h
USB Specification Release Number.
4
DeviceClass
1
09h
Class code assigned by USB-IF for Hubs.
5
DeviceSubClass
1
00h
Class code assigned by USB-IF for Hubs.
6
DeviceProtocol
1
01h
Protocol Code.
7
MaxPacketSize0
1
40h
64-byte packet size.
8
Vendor
2
user/
default
Vendor ID; Customer value defined in ROM or serial
port load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com