Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 113 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 113 Page - Winbond

Back Button W97AH6KB Datasheet HTML 109Page - Winbond W97AH6KB Datasheet HTML 110Page - Winbond W97AH6KB Datasheet HTML 111Page - Winbond W97AH6KB Datasheet HTML 112Page - Winbond W97AH6KB Datasheet HTML 113Page - Winbond W97AH6KB Datasheet HTML 114Page - Winbond W97AH6KB Datasheet HTML 115Page - Winbond W97AH6KB Datasheet HTML 116Page - Winbond W97AH6KB Datasheet HTML 117Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 113 -
8.7.2
CA and CS_n Setup, Hold and Derating
For all input signals (CA and CS_n) the total tIS (setup time) and tIH (hold time) required is calculated by adding the
data sheet tIS(base) and tIH(base) value (see 8.7.2.1
“CA and CS_n Setup and Hold Base-Values for 1V/nS” table)
to the
ΔtIS and ΔtIH derating value (see 8.7.2.2 “Derating Values LPDDR2 tIS/tIH - AC/DC Based AC220” table).
Example: tIS (total setup time) = tIS(base) +
ΔtIS.
Setup (tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and
the first crossing of VIH(ac)min. Setup (tIS) nominal slew rate for a falling signal is defined as the slew rate between the
last crossing of VREF(dc) and the first crossing of VIL(ac)max. If the actual signal is always earlier than the nominal slew
rate line betwe
en shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value (see 8.7.2.4 “Nominal
Slew Rate and tVAC for Setup Time tIS for CA and CS_n with Respect to Clock
” figure). If the actual signal is
later than the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line
to the actual signal from the ac level to dc level is used for derating value (see 8.7.2.6
“Tangent Line for Setup
Time tIS for CA and CS_n with Respect to Clock
” figure).
Hold (tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc)max and
the first crossing of VREF(dc). Hold (tIH) nominal slew rate for a falling signal is defined as the slew rate between the
last crossing of VIH(dc)min and the first crossing of VREF(dc). If the actual signal is always later than the nominal slew
rate line between shaded ‘dc to VREF(dc) region’, use nominal slew rate for derating value (see 8.7.2.5 “Nominal
Slew Rate for Hold Time tIH for CA and CS_n with Respect to Clock
” figure). If the actual signal is earlier than
the nominal slew rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew rate of a tangent line to the
actual signal from the dc level to VREF(dc) level is used for derating value (see 8.7.2.7
“Tangent Line for Hold Time
tIH for CA and CS_n with Respect to Clock
” figure).
For a valid transition the input signal has to remain above/below VIH/IL(ac) for some time tVAC (see 8.7.2.3
“Required
Time tVAC above VIH(ac) {below VIL(ac)} for Valid Transition
” table).
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached
VIH/IL(ac) at the time of the rising clock transition) a valid input signal is still required to complete the transition and
reach VIH/IL(ac).
For slew rates in between the values listed in 8.7.2.2
“Derating Values LPDDR2 tIS/tIH - AC/DC Based AC220”
table, the derating values may obtained by linear interpolation. These values are typically not subject to production
test. They are verified by design and characterization.
8.7.2.1
CA and CS_n Setup and Hold Base-Values for 1V/nS
Unit [pS]
LPDDR2-1066
LPDDR2-800
reference
tIS(base)
0
70
VIH/L(ac) = VREF(dc) ± 220mV
tIH(base)
90
160
VIH/L(dc) = VREF(dc) ± 130mV
Note: ac/dc referenced for 1V/nS CA and CS_n slew rate and 2V/nS differential CK_t-CK_c slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com