Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 111 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 111 Page - Winbond

Back Button W97AH6KB Datasheet HTML 107Page - Winbond W97AH6KB Datasheet HTML 108Page - Winbond W97AH6KB Datasheet HTML 109Page - Winbond W97AH6KB Datasheet HTML 110Page - Winbond W97AH6KB Datasheet HTML 111Page - Winbond W97AH6KB Datasheet HTML 112Page - Winbond W97AH6KB Datasheet HTML 113Page - Winbond W97AH6KB Datasheet HTML 114Page - Winbond W97AH6KB Datasheet HTML 115Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 111 -
Parameter
Symbol
min /
max
min
tCK
Data Rate
Unit
1066
933
800
667
533
400
333
LPDDR2 Temperature De-Rating
tDQSCK De-Rating
tDQSCK
(Derated)
MAX
5620
6000
pS
Core Timings Temperature De-Rating
tRCD
(Derated)
MIN
tRCD + 1.875
nS
tRC
(Derated)
MIN
tRC + 1.875
nS
tRAS
(Derated)
MIN
tRAS + 1.875
nS
tRP
(Derated)
MIN
tRP + 1.875
nS
tRRD
(Derated)
MIN
tRRD + 1.875
nS
Notes:
1.
Input set-up/hold time for signal (CA[0:n], CS_n).
2.
CKE input setup time is measured from CKE reaching high/low voltage level to CK_t/CK_c crossing.
3.
CKE input hold time is measured from CK_t/CK_c crossing to CKE reaching high/low voltage level.
4.
Frequency values are for reference only. Clock cycle time (tCK) shall be used to determine device capabilities.
5.
To guarantee device operation before the LPDDR2 device is configured a number of AC boot timing parameters are defined in this table.
Boot parameter symbols have the letter b appended, e.g. tCK during boot is tCKb.
6.
Frequency values are for reference only. Clock cycle time (tCK or tCKb) shall be used to determine device capabilities.
7.
The SDRAM will set some Mode register default values upon receiving a RESET (MRW)
command as specified in “Mode Register
Definition”.
8.
The output skew parameters are measured with Ron default settings into the reference load.
9.
The min tCK column applies only when tCK is greater than 6nS for LPDDR2-S4 devices.
10. All AC timings assume an input slew rate of 1V/nS.
11. Read, Write, and Input Setup and Hold values are referenced to Vref.
12. For low-to-high and high-to-low transitions, the timing reference will be at the point when the signal crosses VTT. tHZ and tLZ transitions
occur in the same access time (with respect to clock) as valid data transitions. These parameters are not referenced to a specific voltage
level but to the time when the device output is no longer driving (for tRPST, tHZ(DQS) and tHZ(DQ) ), or begins driving (for tRPRE, tLZ(DQS),
tLZ(DQ) ). Below
“HSUL_12 Driver Output Reference Load for Timing and Slew Rate” figure shows a method to calculate the point when
device is no longer driving tHZ(DQS) and tHZ(DQ), or begins driving tLZ(DQS), tLZ(DQ) by measuring the signal at two different voltages. The
actual voltage measurement points are not critical as long as the calculation is consistent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com