Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 13Page - Texas Instruments ADC14X250 Datasheet HTML 14Page - Texas Instruments ADC14X250 Datasheet HTML 15Page - Texas Instruments ADC14X250 Datasheet HTML 16Page - Texas Instruments ADC14X250 Datasheet HTML 17Page - Texas Instruments ADC14X250 Datasheet HTML 18Page - Texas Instruments ADC14X250 Datasheet HTML 19Page - Texas Instruments ADC14X250 Datasheet HTML 20Page - Texas Instruments ADC14X250 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
Input Frequency [MHz]
0
50
100
150
200
250
300
350
60
65
70
75
80
85
90
95
100
105
110
SNR [dBFS]
SINAD [dBFS]
SFDR [dBFS]
Input Amplitude [dBFS]
-70 -65 -60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
0
60
65
70
75
80
85
90
95
100
105
110
SNR [dBFS]
SINAD [dBFS]
SFDR [dBFS]
VA1.2 Supply [V]
1.15
1.175
1.2
1.225
1.25
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VA1.2 Supply [V]
1.15
1.175
1.2
1.225
1.25
-4
-3
-2
-1
0
1
2
3
4
Code
0
4096
8192
12288
16384
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Code
0
4096
8192
12288
16384
-4
-3
-2
-1
0
1
2
3
4
17
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
6.13 Typical Characteristics
Unless otherwise noted, these specifications apply for VA3.0 = 3.0 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS;
240-MHz input frequency; –3-dBFS input power. External termination at ADC input is 66
Ω differential. CLKIN± input is a 2
Vp-p differential sinusoid. Typical values are at TA = 25°C.
Input Frequency
= 10 MHz
Figure 9. Differential Non-Linearity (DNL)
Input Frequency
= 10 MHz
Figure 10. Integral Non-Linearity (INL)
Input Frequency
= 10 MHz
Figure 11. DNL vs VA1.2 Supply
Input Frequency
= 10 MHz
Figure 12. INL vs VA1.2 Supply
Figure 13. SNR, SINAD, SFDR vs Input Frequency
Figure 14. SNR, SINAD, SFDR vs Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com