Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments ADC14X250 Datasheet HTML 12Page - Texas Instruments ADC14X250 Datasheet HTML 13Page - Texas Instruments ADC14X250 Datasheet HTML 14Page - Texas Instruments ADC14X250 Datasheet HTML 15Page - Texas Instruments ADC14X250 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
12
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Specification applies to the electrical level diagram of Figure 3
(2)
Specification applies to the electrical circuit diagram of Figure 4
6.10 Electrical Characteristics: Serial Data Output Interface
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS.
Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIAL LANE OUTPUT CHARACTERISTICS (SO)
VOD
Output differential voltage(1)
Differential peak-peak values. Assumes ideal 100-
Ω load. De-
emphasis disabled.
Configurable via SPI.
570
660
750
840
930
1030
1130
1200
mV
ISC
Short circuit current. SO+ terminal shorted to GND during logic high
output signal state.
VOD and Rdeemp configured to default values.
19
mA
Zddiff
Differential output impedance at DC.(2)
VOD configured to default value.
100
Ω
RLddiff
Differential output return loss magnitude
Relative to 100
Ω; For frequencies between 100 MHz and
0.75*Baud_Rate (5.5 GHz max); VOD and Rdeemp configured to
default values.
–11
dB
Rdeemp
Transmitter de-emphasis values
VOD configured to 4.
Configurable via SPI.
0
1.4
3.4
4.9
5.9
7.4
8.9
12.1
dB
(1)
Specification applies to the electrical level diagram of Figure 5.
(2)
This parameter is verified by design.
(3)
The SPI_CFG register must be changed to a supported output logic level after power up and before a read command is executed. Until
that time, the output voltage on SDO may be as high as the VA3.0 supply during a read command. The SDO output is high-Z at all times
except during a read command.
6.11 Electrical Characteristics: Digital Input
Unless otherwise noted, these specifications apply for VA3.0= 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS.
Typical values are at TA = 25°C. Limit values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT CHARACTERISTICS (SDI, SCLK, CSB)
VIH
Logical 1 input voltage(1)
Inputs are compatible with 1.2-V up to 3.0-V logic.
0.9
V
VIL
Logical 0 input voltage(1)
0.3
V
IIN0
Logic low input current
0.04
uA
IIN1
Logic high input current
0.04
uA
CIN
Input capacitance(2)
2
pF
DIGITAL OUTPUT CHARACTERISTICS (SDO)
VOH
Logical 1 output voltage(1)(3)
VSPI = 1.2, 1.8, 2.5, or 3.0 V ; Configurable via SPI.
Default VSPI = 1.8V. IOH = 400 µA.
VSPI – 0.3
VSPI
(3)
V
VOL
Logical 0 output voltage(1)(3)
IOL = –400 µA.
0.0
0.3
V
+ISC
Logic high short circuit current. Applies to default VSPI = 1.8V.
18
mA
–ISC
Logic low short circuit current. Applies to default VSPI = 1.8V.
14
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com