Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 55Page - Texas Instruments ADC14X250 Datasheet HTML 56Page - Texas Instruments ADC14X250 Datasheet HTML 57Page - Texas Instruments ADC14X250 Datasheet HTML 58Page - Texas Instruments ADC14X250 Datasheet HTML 59Page - Texas Instruments ADC14X250 Datasheet HTML 60Page - Texas Instruments ADC14X250 Datasheet HTML 61Page - Texas Instruments ADC14X250 Datasheet HTML 62Page - Texas Instruments ADC14X250 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
59
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 Power Supply Design
The ADC14X250 device is a very-high dynamic range device and therefore requires very-low noise power
supplies. LDO-type regulators, capacitive decoupling, and series isolation devices like ferrite beads are all
recommended.
LDO-type low noise regulators should be used to generate the 1.2-, 1.8-, and 3.0-V supplies used by the device.
To improve power efficiency, a switching-type regulator may precede the LDO to efficiently drop a supply to an
intermediate voltage that satisfies the drop-out requirements of the LDO. TI recommends to follow a switching-
type regulator with an LDO to provide the best filtering of the switching noise. Additional ferrite beads and LC
filters may be used to further suppress noise. Supplying power to multiple devices in a system from one regulator
may result in noise coupling between the multiple devices; therefore, series isolation devices and additional
capacitive decoupling is recommended to improve the isolation.
The power supplies must be applied to the ADC14X250 device in this specific order:
1. VA3.0
2. VA1.8
3. VA1.2
First, the VA3.0 (+3.0 V) must be applied to provide the bias for the ESD diodes. The VA1.8 (+1.8-V) supply
should be applied next, followed by the VA1.2 (+1.2-V) supply. As a guideline, each supply should stabilize to
within 20% of the final value within 10 ms and before enabling the next supply in the sequence. If the
stabilization time is longer than 10 ms, then the system should perform the calibration procedure after the
supplies have stabilized. Turning power supplies off should occur in the reverse order.
In the case of a DC coupled interface with driving amplifier, the ADC supplies should be enabled and allowed to
stabilize at least 1 ms before enabling the supply of driving amplifier. The sequencing delay allows the capacitors
in the common-mode control loop to charge and avoids reliability concerns related to driving the ADC input
outside the VIN+/- absolute maximum range for an extended time.
10.2 Decoupling
Decoupling capacitors must be used at each supply pin to prevent supply or ground noise from degrading the
dynamic performance of the ADC and to provide the ADC with a well of charge to minimize voltage ripple caused
by current transients. The recommended supply decoupling scheme is to have a ceramic X7R 0201 0.1-
μF
capacitor at each supply pin. The 0201 capacitor must be placed on the same layer as the device as close to the
pin as possible to minimize the AC decoupling path length from the supply pin, through the capacitor, to the
nearest adjacent ground pin. The 0402 capacitor should also be close to the pins. TI does not recommend
placing the capacitor on the opposite board side. Each voltage supply should also have a single 10-
μF
decoupling capacitor near the device but the proximity to the supply pins is less critical.
The BP2.5 pin is an external bypass pin used for stabilizing an internal 2.5-V regulator and must have a ceramic
or tantalum 10-
μF capacitor and a ceramic 0402 0.1-μF capacitor. The 0.1-μF capacitor should be placed as
close to the BP2.5 pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com